Electronic Components Datasheet Search
  English  ▼

X  

LTM4624 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4624
Description  14VIN, 4A Step-Down DC/DC 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4624 Datasheet(HTML) 5 Page - Linear Technology

  LTM4624 Datasheet HTML 1Page - Linear Technology LTM4624 Datasheet HTML 2Page - Linear Technology LTM4624 Datasheet HTML 3Page - Linear Technology LTM4624 Datasheet HTML 4Page - Linear Technology LTM4624 Datasheet HTML 5Page - Linear Technology LTM4624 Datasheet HTML 6Page - Linear Technology LTM4624 Datasheet HTML 7Page - Linear Technology LTM4624 Datasheet HTML 8Page - Linear Technology LTM4624 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LTM4624
5
4624fd
For more information www.linear.com/LTM4624
Start-Up with No Load
Short-Circuit with No Load
Start-Up with 4A Load
Short-Circuit with 4A Load
Output Ripple
Recovery to No Load
from Short Circuit
Start Into Pre-Bias Output
12V Input to 1.8V Output,
50% Load Transient Response
5V Input to 1.2V Output,
50% Load Transient Response
TYPICAL PERFORMANCE CHARACTERISTICS
IIN
0.1A/DIV
VOUT
0.5V/DIV
VIN = 12V
VOUT = 1.5V
INPUT CAPACITOR = 150µF SANYO ELECTROLYTIC
CAPACITOR (OPTIONAL) + 22µF CERAMIC CAPACITOR
OUTPUT CAPACITOR = 47µF CERAMIC CAPACITOR
SOFT-START CAPACITOR = 0.1µF
5ms/DIV
4624 G09
IIN
0.2A/DIV
VOUT
0.5V/DIV
VIN = 12V
VOUT = 1.5V
INPUT CAPACITOR = 150µF SANYO ELECTROLYTIC
CAPACITOR (OPTIONAL) + 22µF CERAMIC CAPACITOR
OUTPUT CAPACITOR = 47µF CERAMIC CAPACITOR
SOFT-START CAPACITOR = 0.1µF
5ms/DIV
4624 G10
IIN
0.5A/DIV
VOUT
0.5V/DIV
VIN = 12V
VOUT = 1.5V
INPUT CAPACITOR = 150µF SANYO ELECTROLYTIC
CAPACITOR (OPTIONAL) + 22µF CERAMIC CAPACITOR
OUTPUT CAPACITOR = 47µF CERAMIC CAPACITOR
20µs/DIV
4624 G11
IIN
0.5A/DIV
VOUT
0.5V/DIV
VIN = 12V
VOUT = 1.5V
INPUT CAPACITOR = 150µF SANYO ELECTROLYTIC
CAPACITOR (OPTIONAL) + 22µF CERAMIC CAPACITOR
OUTPUT CAPACITOR = 47µF CERAMIC CAPACITOR
20µs/DIV
4624 G12
IOUT
20A/DIV
VOUT
200mV/DIV
VIN = 12V
VOUT = 1V
INPUT CAPACITOR = 22µF SANYO ELECTROLYTIC
CAPACITOR (OPTIONAL) + 2
× 22µF CERAMIC CAPACITOR
OUTPUT CAPACITOR = 2
× 47µF CERAMIC CAPACITOR
SOFT-START CAPACITOR = 0.1µF
5µs/DIV
4624 G13
5mV/DIV
AC-COUPLED
VIN = 12V
VOUT = 1.5V
INPUT CAPACITOR = 22µF SANYO ELECTROLYTIC
CAPACITOR (OPTIONAL) + 2
× 22µF CERAMIC
CAPACITOR
OUTPUT CAPACITOR = 2
× 47µF CERAMIC
CAPACITOR
SOFT-START CAPACITOR = 0.1µF
500µs/DIV
4624 G14
VIN
2V/DIV
VOUT
1V/DIV
VIN = 12V
VOUT = 5V
INPUT CAPACITOR = 22µF SANYO ELECTROLYTIC
CAPACITOR (OPTIONAL) + 2
× 22µF CERAMIC CAPACITOR
OUTPUT CAPACITOR = 2
× 47µF CERAMIC CAPACITOR
SOFT-START CAPACITOR = 0.1µF
1µs/DIV
4624 G15
VOUT
100mV/DIV
AC-COUPLED
LOAD STEP
2A/DIV
VIN = 12V
VOUT = 1.8V
IOUT = 2A TO 4A, 1A/µs
OUTPUT CAPACITOR = 1
× 47µF CERAMIC
50µs/DIV
4624 G16
VOUT
50mV/DIV
AC-COUPLED
LOAD STEP
1A/DIV
VIN = 5V
VOUT = 1.2V
IOUT = 2A TO 4A, 1A/µs
OUTPUT CAPACITOR = 1
× 47µF CERAMIC
50µs/DIV
4624 G17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com