Electronic Components Datasheet Search
  English  ▼

X  

LTM4624 Datasheet(PDF) 22 Page - Linear Technology

Part # LTM4624
Description  14VIN, 4A Step-Down DC/DC 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4624 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTM4624 Datasheet HTML 18Page - Linear Technology LTM4624 Datasheet HTML 19Page - Linear Technology LTM4624 Datasheet HTML 20Page - Linear Technology LTM4624 Datasheet HTML 21Page - Linear Technology LTM4624 Datasheet HTML 22Page - Linear Technology LTM4624 Datasheet HTML 23Page - Linear Technology LTM4624 Datasheet HTML 24Page - Linear Technology LTM4624 Datasheet HTML 25Page - Linear Technology LTM4624 Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
LTM4624
22
4624fd
For more information www.linear.com/LTM4624
Figure 22. 4VIN to 14VIN, 1.2V and 1.5V with Coincident Tracking
APPLICATIONS INFORMATION
VIN
SVIN
RUN
INTVCC
MODE
TRACK/SS
PGOOD
LTM4624
FREQ
VOUT
10µF
16V
×2
47µF
6.3V
47µF
6.3V
60.4k
VIN
4V TO 14V
VOUT
1.5V
4A
VOUT2
1.2V
4A
FB
40.2k
COMP
GND
60.4k
60.4k
4624 F22
SGND
0.1µF
VIN
SVIN
RUN
INTVCC
MODE
TRACK/SS
PGOOD
LTM4624
FREQ
VOUT
FB
COMP
GND
SGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com