Electronic Components Datasheet Search
  English  ▼

X  

LTM4630 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4630
Description  40A DC/DC 關Module Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4630 Datasheet(HTML) 1 Page - Linear Technology

  LTM4630 Datasheet HTML 1Page - Linear Technology LTM4630 Datasheet HTML 2Page - Linear Technology LTM4630 Datasheet HTML 3Page - Linear Technology LTM4630 Datasheet HTML 4Page - Linear Technology LTM4630 Datasheet HTML 5Page - Linear Technology LTM4630 Datasheet HTML 6Page - Linear Technology LTM4630 Datasheet HTML 7Page - Linear Technology LTM4630 Datasheet HTML 8Page - Linear Technology LTM4630 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LTM4636
1
4636f
For more information www.linear.com/LTM4636
Typical applicaTion
DescripTion
40A DC/DC µModule
Regulator
The LTM®4636 is a 40A step-down µModule (power
module) switching regulator with a stacked inductor as a
heat sink for quicker heat dissipation and cooler operation
in a small package. The exposed inductor permits direct
contact with airflow from any direction. The LTM4636
can deliver 40W (12VIN, 1VOUT, 40A, 200LFM) with only
40°C rise over the ambient temperature. Full-power 40W
is delivered, up to 83°C ambient and half-power 20W is
supported at 110°C ambient.
The LTM4636 operates at 92%, 90% and 88% efficiency,
delivering 15A, 30A and 40A, respectively, to a 1V load
(12VIN). The µModule regulator is scalable such that four
µModules in current sharing mode deliver 160W with only
40°C rise and 88% efficiency (12VIN, 1VOUT, 400LFM).
The LTM4636 is offered in a 16mm × 16mm × 7.07mm
BGA package.
L
, LT, LTC, LTM, PolyPhase, Burst Mode, µModule, Linear Technology, LTpowerCAD and the
Linear logo are registered trademarks of Linear Technology Corporation. All other trademarks
are the property of their respective owners. Protected by U.S. Patents, including 5481178,
5847554, 6580258, 6304066, 6476589, 6774611, 6677210, 8163643.
1V, 40A DC/DC µModule Regulator
FeaTures
applicaTions
n
Stacked Inductor Acts as Heat Sink
n
Wide Input Voltage Range: 4.7V to 15V
n
0.6V to 3.3V Output Voltage Range
n
±1.3% Total DC Output Voltage Error Over Line,
Load and Temperature (–40°C to 125°C)
n
Differential Remote Sense Amplifier for Precision
Regulation
n
Current Mode Control/Fast Transient Response
n
Frequency Synchronization
n
Parallel Current Sharing (Up to 240A)
n
Internal or External Compensation
n
88% Efficiency (12VIN, 1VOUT) at 40A
n
Overcurrent Foldback Protection
n
16mm
× 16mm × 7.07mm BGA Package
n
Telecom Servers and Networking Equipment
n
Industrial Equipment and Medical Systems
12VIN , 1VOUT Efficiency
vs Output Current
RUNC
RUNP
HIZREG
FREQ
TEMP+ TEMP– SGND
VIN
1V
34.8k
22µF
0.1µF
22µF
16V
×5
4.70V TO
15V
100µF
25V
INTVCC
PVCC
VIN ≤ 5.5V, TIE VIN, INTVCC AND PVCC
TOGETHER, TIE RUNP TO GND.
VIN > 5.5V, THEN OPERATE AS SHOWN
OPTIONAL TEMP MONITOR
INTVCC
INTVCC
PVCC
LTM4636
PVCC
PGND
VOUTS1+
VOUT
VOUTS1–
VFB
+
470µF
6.3V
×3
+
7.5k
100µF
6.3V
×4
VOUT
1V, 40A
4636 TA01a
PINS NOT USED IN THIS CIRCUIT:
CLKOUT, GMON, PGOOD, PHMODE, PWM,
SW, TEST1, TEST2, TEST3, TEST4, TMON
COMPA
COMPB
SNSP1
SNSP2
MODE/PLLIN
TRACK/SS
15k
OUTPUT CURRENT (A)
0
90
95
100
15
25
4636 TA01b
85
80
5
10
20
30
40
35
75
70


Similar Part No. - LTM4630

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4630 LINER-LTM4630 Datasheet
643Kb / 34P
Dual 18A or Single 36A DC/DC 關Module Regulator
LTM4630 LINER-LTM4630 Datasheet
1Mb / 28P
Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
LTM4630 LINER-LTM4630 Datasheet
519Kb / 32P
Triple 10A Step-DownDC/DC 關Module Regulator
LTM4630 LINER-LTM4630 Datasheet
746Kb / 32P
Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
LTM4630 LINER-LTM4630 Datasheet
695Kb / 34P
25A DC/DC Step-Down 關Module Regulator
More results

Similar Description - LTM4630

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4619 LINER-LTM4619 Datasheet
300Kb / 24P
Dual, 26VIN, 4A DC/DC 關Module Regulator
LTM4611 LINER-LTM4611 Datasheet
469Kb / 28P
Ultralow VIN, 15A DC/DC 關Module Regulator
LTM4627 LINER-LTM4627 Datasheet
372Kb / 28P
15A DC/DC 關Module Regulator
logo
Mean Well Enterprises C...
DR-UPS40 MEANWELL-DR-UPS40_10 Datasheet
310Kb / 3P
40A DC UPS Module
DR-UPS40 MEANWELL-DR-UPS40_11 Datasheet
310Kb / 3P
40A DC UPS Module
logo
Linear Technology
LTM4637 LINER-LTM4637 Datasheet
585Kb / 28P
20A DC/DC 關Module Step-Down Regulator
logo
Total Power Internation...
DR-UPS40 TOTAL-POWER-DR-UPS40 Datasheet
414Kb / 3P
40A DC UPS Module
logo
Linear Technology
LTM4645 LINER-LTM4645 Datasheet
695Kb / 34P
25A DC/DC Step-Down 關Module Regulator
LTM4647 LINER-LTM4647 Datasheet
1Mb / 34P
30A DC/DC Step-Down 關Module Regulator
LTM4649 LINER-LTM4649 Datasheet
1Mb / 30P
10A Step-Down DC/DC 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com