Electronic Components Datasheet Search
  English  ▼

X  

LTM4630 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM4630
Description  40A DC/DC 關Module Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4630 Datasheet(HTML) 4 Page - Linear Technology

  LTM4630 Datasheet HTML 1Page - Linear Technology LTM4630 Datasheet HTML 2Page - Linear Technology LTM4630 Datasheet HTML 3Page - Linear Technology LTM4630 Datasheet HTML 4Page - Linear Technology LTM4630 Datasheet HTML 5Page - Linear Technology LTM4630 Datasheet HTML 6Page - Linear Technology LTM4630 Datasheet HTML 7Page - Linear Technology LTM4630 Datasheet HTML 8Page - Linear Technology LTM4630 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LTM4636
4
4636f
For more information www.linear.com/LTM4636
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Remote Sense Amplifier
AV(VFB)
VFB Differential Gain
(Note 6)
1
V/V
GBP VFB Path
Gain Bandwidth Product
(Note 5)
4
MHz
General Control or Monitor Pins
ITMON
Temperature Monitor Current, TJ = 25°C Into 25kΩ
Temperature Monitor Current, TJ = 150°C Into 25kΩ
38
40.3
58
44
µA
µA
ITMON(SLOPE)
Temperature Monitor Current Slope, RTMON = 25kΩ
0.144
µA/°C
VPGOOD
PGOOD Trip Level
VFB With Respect to Set Output
VFB Ramping Negative
VFB Ramping Positive
–7.5
7.5
%
%
VPGL
PGOOD Voltage Low
IPGOOD = 2mA
0.2
0.4
V
tPGOOD
VPGOOD High-to-Low Delay
65
µs
IPGOOD(OFF)
PGOOD Leakage Current
VPGOOD = 5V
–2
2
µA
VPG1(HYST)
PGOOD Trip Level
Hysteresis
2.5
%
INTVCC Linear Regulator
VINTVCC
Internal VCC Voltage Source 6V < VIN < 15V
5.3
5.5
5.7
V
VINTVCC Load Reg INTVCC Load Regulation
ICC = 0mA to 10mA
0.5
%
UVLO HYS
Controller UVLO Hysteresis (Note 6)
0.5
V
PVCC(UVLO)
Drivers and Power
MOSFETs UVLO
PVCC Rising
3.5
3.8
4.1
V
PVCC(HYS)
PVCC UVLO Hysteresis
0.45
V
PVCC
Power Stage Bias
12V Input, PVCC Load = 50mm
5.0
V
Oscillator and Phase-Locked Loop
fOSC
Oscillator Frequency
VPHSMD = 0V
RFREQ = 30.1kΩ
RFREQ = 47.5kΩ
RFREQ = 54.9kΩ
RFREQ = 75.0kΩ
Maximum Frequency
Minimum Frequency
l
l
210
540
625
945
1.2
250
600
750
1.05
290
660
825
1.155
0.2
kHz
kHz
kHz
MHz
MHz
MHz
IFREQ
FREQ Pin Output Current
VFREQ = 0.8V
19
20
21
µA
RMODE/PLLIN
MODE_PLLIN Input
Resistance
250
kΩ
VMODE/PLLIN
PLLIN Input Threshold
VMODE/PLLIN Rising
VMODE/PLLIN Falling
2
1.2
V
V
VCLKOUT
Low Output Voltage
High Output Voltage
Verified Levels
Measurements on CLKOUT
0.2
5.2
V
V
PWM-CLKOUT
PWM to Clockout Phase Delay
VPHSMD = 0V
VPHSMD = 1/4 INTVCC
VPHSMD = Float
VPHSMD = 3/4 INTVCC
VPHSMD = INTVCC
90
90
120
60
180
Deg
Deg
Deg
Deg
Deg
PWM/PWMEN Outputs
PWM
PWM Output High Voltage
ILOAD = 500µA
5.0
V
PWM Output Low Voltage
ILOAD = –500µA
0.5
V
elecTrical characTerisTics The
l
denotes the specifications which apply over the specified internal
operating temperature range (Note 2), otherwise specifications are at TA = 25°C. VIN = 12V, per the typical application in Figure 20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com