Electronic Components Datasheet Search
  English  ▼

X  

LTM4630 Datasheet(PDF) 36 Page - Linear Technology

Part # LTM4630
Description  40A DC/DC 關Module Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4630 Datasheet(HTML) 36 Page - Linear Technology

Back Button LTM4630 Datasheet HTML 28Page - Linear Technology LTM4630 Datasheet HTML 29Page - Linear Technology LTM4630 Datasheet HTML 30Page - Linear Technology LTM4630 Datasheet HTML 31Page - Linear Technology LTM4630 Datasheet HTML 32Page - Linear Technology LTM4630 Datasheet HTML 33Page - Linear Technology LTM4630 Datasheet HTML 34Page - Linear Technology LTM4630 Datasheet HTML 35Page - Linear Technology LTM4630 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
LTM4636
36
4636f
For more information www.linear.com/LTM4636
LINEAR TECHNOLOGY CORPORATION 2016
LT 1216 • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTM4636
relaTeD parTs
Design resources
Typical applicaTion
PART NUMBER
DESCRIPTION
COMMENTS
LTM4650/
LTM4650-1
More Current Up to 50A µModule Regulator
Dual 25A or Single 50A, 4.5V ≤ VIN ≤ 15V, 0.6V ≤ VOUT ≤ 1.8V, 16mm × 16mm
× 5.01mm BGA
LTM4630/
LTM4630-1/
LTM4630A
Less Current Up to 36A µModule Regulator
LTM4650 Pin-Compatible; Same VIN and VOUT Range; LTM4630A 0.6V ≤ VOUT
≤ 5.3V, 16mm
× 16mm × 4.41mm LGA 5.01mm BGA
LTM4647
Smaller Package Up to 30A µModule Regulator
Single 30A, 4.7V ≤ VIN ≤ 15V, 0.6V ≤ VOUT ≤ 1.8V, 9mm × 15mm × 5.01mm BGA
5V to 2.5V at 35A Design
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
•Selector Guides
•Demo Boards and Gerber Files
•Free Simulation Tools
Manufacturing:
•Quick Start Guide
•PCB Design, Assembly and Manufacturing Guidelines
•Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
TechClip Videos
Quick videos detailing how to bench test electrical and thermal performance of µModule products.
Digital Power System Management
Linear Technology’s family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.
COMPA
COMPB
TK/SS
RUNC
RUNP
HIZREG
FREQ
MODE/PLLIN
TMON
VOUT
TEMP+ TEMP– SNSP1 SNSP2 SGND
VIN
15k
47k
CSS
0.1µF
22µF
2.5V AT 35A
VOLTAGE OUT TEMP MONITOR
0.1µF
22µF
16V
22µF
16V
22µF
16V
22µF
16V
22µF
16V
5V
100µF
25V
INTVCC
OPTIONAL TEMP MONITOR
FOR TELEMETRY READBACK ICs
INTVCC
INTVCC
LTM4636
PVCC
PGND
VOUTS1+
VOUTS1–
VFB
+
470µF
4V
470µF
4V
+
+
RFB
1.58k
100µF
×3
6.3V
CFF
47pF
4636 TA02
PINS NOT USED IN CIRCUIT LTM4636:
CLKOUT, GMON, PGOOD, PHMODE, PWM,
SW, TEST1, TEST2, TEST3, TEST4
SGND
SGND
SGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com