Electronic Components Datasheet Search
  English  ▼

X  

LTM4630 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4630
Description  40A DC/DC 關Module Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4630 Datasheet(HTML) 5 Page - Linear Technology

  LTM4630 Datasheet HTML 1Page - Linear Technology LTM4630 Datasheet HTML 2Page - Linear Technology LTM4630 Datasheet HTML 3Page - Linear Technology LTM4630 Datasheet HTML 4Page - Linear Technology LTM4630 Datasheet HTML 5Page - Linear Technology LTM4630 Datasheet HTML 6Page - Linear Technology LTM4630 Datasheet HTML 7Page - Linear Technology LTM4630 Datasheet HTML 8Page - Linear Technology LTM4630 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LTM4636
5
4636f
For more information www.linear.com/LTM4636
elecTrical characTerisTics The
l
denotes the specifications which apply over the specified internal
operating temperature range (Note 2), otherwise specifications are at TA = 25°C. VIN = 12V, per the typical application in Figure 20.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM4636 is tested under pulsed load conditions such that
TJ ≈ TA. The LTM4636E is guaranteed to meet performance specifications
over the 0°C to 125°C internal operating temperature range. Specifications
over the full –40°C to 125°C internal operating temperature range are
assured by design, characterization and correlation with statistical process
controls. The LTM4636I is guaranteed to meet specifications over the
full –40°C to 125°C internal operating temperature range. Note that the
maximum ambient temperature consistent with these specifications is
determined by specific operating conditions in conjunction with board
layout, the rated package thermal resistance and other environmental
factors.
Note 3: The minimum on-time condition is specified for a peak-to-peak
inductor ripple current of ~40% of IMAX Load. (See the Applications
Information section)
Note 4: See output current derating curves for different VIN, VOUT and TA.
Note 5: Guaranteed by design.
Note 6: 100% tested at wafer level.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Temperature Diode
Diode VF
Diode Forward Voltage
I = 100µA, TEMP+ to TEMP–
0.598
V
TC
Temperature Coefficient
l
–2.0
mV/°C
Typical perForMance characTerisTics
Burst Mode Efficiency
vs Load Current
1V Transient Response
1.2V Transient Response
Efficiency vs Load Current
with 5VIN
Efficiency vs Load Current with
8VIN
Efficiency vs Load Current with
12VIN
OUTPUT CURRENT (A)
0
100
90
80
95
85
75
70
25
15
35
4636 G01
40
20
10
5
30
3.3VOUT, 500kHz
2.5VOUT, 500kHz
1.8VOUT, 450kHz
1.5VOUT, 425kHz
1.2VOUT, 300kHz
1VOUT, 300kHz
OUTPUT CURRENT (A)
0
100
90
80
95
85
75
70
25
15
35
4636 G02
40
20
10
5
30
3.3VOUT, 700kHz
2.5VOUT, 600kHz
1.8VOUT, 500kHz
1.5VOUT, 450kHz
1.2VOUT, 400kHz
1VOUT, 350kHz
OUTPUT CURRENT (A)
0
100
90
80
95
85
75
70
25
15
35
4636 G03
40
20
10
5
30
3.3VOUT, 750kHz
2.5VOUT, 650kHz
1.8VOUT, 600kHz
1.5VOUT, 550kHz
1.2VOUT, 400kHz
1VOUT, 350kHz
OUTPUT CURRENT (A)
0
100
80
60
90
70
50
40
3
2
4
4636 G04
5
1
Burst Mode OPERATION
VIN 12V
VOUT 1.5V
12V TO 1V TRANSIENT RESPONSE
COUT = 4 × 100µF CERAMIC, 3 × 470µF 2.5V
POSCAP 5m
CFF = 22pF, SW FREQ = 400kHz
10A/DIV
18A/µs
STEP
50mV/DIV
50µs/DIV
4636 G05
12V TO 1.2V TRANSIENT RESPONSE
COUT = 4 × 100µF CERAMIC, 3 × 470µF 2.5V
POSCAP 5m
CFF = 22pF, SW FREQ = 400kHz
CCOMP = 100pF
10A/DIV
18A/µs
STEP
50mV/DIV
50µs/DIV
4636 G06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com