Electronic Components Datasheet Search
  English  ▼

X  

LTM4642 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM4642
Description  20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4642 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM4642 Datasheet HTML 5Page - Linear Technology LTM4642 Datasheet HTML 6Page - Linear Technology LTM4642 Datasheet HTML 7Page - Linear Technology LTM4642 Datasheet HTML 8Page - Linear Technology LTM4642 Datasheet HTML 9Page - Linear Technology LTM4642 Datasheet HTML 10Page - Linear Technology LTM4642 Datasheet HTML 11Page - Linear Technology LTM4642 Datasheet HTML 12Page - Linear Technology LTM4642 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LTM4642
9
4642fb
For more information www.linear.com/LTM4642
pin FuncTions
RUN1, RUN2 (G3, B3): Run Control Pins. A source can
be used to enable the RUN pins with an external pull-up
resistor. Forcing either of these pins below 1.2V will shut
down the corresponding outputs. An additional 5µA pull-
up current is added to this pin, once the RUN pin rises
above 1.2V. Also, active control or pull-up resistors can
be used to enable the RUN pin. The maximum voltage is
6V on these pins. There are 100k resistors on RUN1,2
to ground. It is recommended to use an external pull-up
resistor to VIN to enable the RUN pin. See the Applications
Information section.
VRNG1 (G4): Used at Final Test. Tie to INTVCC in normal
operation. This pin can also be used to adjust the current
limitofchannel1. AnexternalresistivedividerfromINTVCC
can be used to set the voltage on the VRNG pin between
0.6V to 1V, resulting in a maximum sense voltage between
30mV and 50mV. For applications that require less than
7A of the default peak current limit, the VRNG pin voltage
can be scaled down to obtain a desired current limit level.
VIN1 (G5, G6, 67), VIN2 (B5, B6, B7): Power Input Pins.
Apply input voltage between these pins and GND pins.
Recommendplacinginputdecouplingcapacitancedirectly
between VIN pins and GND pins.
VOUT1 (F1, G1, G2, H1, H2), VOUT2 (A1, A2, B1, B2, C1):
Power Output Pins. Apply output load between these pins
and PGND pins. Recommend placing output decoupling
capacitance directly between these pins and PGND pins.
SW1, SW2 (H3, A3): Switching Test Pins. These pins
are provided externally to check the operation frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com