Electronic Components Datasheet Search
  English  ▼

X  

LTM4642 Datasheet(PDF) 27 Page - Linear Technology

Part # LTM4642
Description  20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4642 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTM4642 Datasheet HTML 23Page - Linear Technology LTM4642 Datasheet HTML 24Page - Linear Technology LTM4642 Datasheet HTML 25Page - Linear Technology LTM4642 Datasheet HTML 26Page - Linear Technology LTM4642 Datasheet HTML 27Page - Linear Technology LTM4642 Datasheet HTML 28Page - Linear Technology LTM4642 Datasheet HTML 29Page - Linear Technology LTM4642 Datasheet HTML 30Page - Linear Technology LTM4642 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
LTM4642
27
4642fb
For more information www.linear.com/LTM4642
Figure 29. Output Paralleled LTM4642 Module for 3.3V at 8A Each
VIN1 VIN2 CPWR
SGND
GND
LTM4642
4.7µF
68pF
CIN1
22µF
CIN2
22µF
0.1µF
VIN
4.75V TO 20V
2.2
DRVCC INTVCC
RUN1
131k
RFB1
13.3k
RFREQ
39.2k
1MHz
4642 F29
10k
VRNG1
RUN2
PGOOD1
PGOOD2
TRACK/SS1
TRACK/SS2
COMP1
COMP2
MODE/PLLIN
INTVCC
PINS NOT USED: PHASEMD, CLKOUT, EXTVCC, SW1, SW2
VOUT1
VOUT2
VOUTS1
FREQ
VOUTS–
VFB2
VFB1
PGOOD1
3.3V AT 8A
INTVCC
INTVCC
COUT1
47µF
COUT2
47µF
Typical applicaTions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com