Electronic Components Datasheet Search
  English  ▼

X  

LTM4642 Datasheet(PDF) 16 Page - Linear Technology

Part # LTM4642
Description  20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4642 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM4642 Datasheet HTML 12Page - Linear Technology LTM4642 Datasheet HTML 13Page - Linear Technology LTM4642 Datasheet HTML 14Page - Linear Technology LTM4642 Datasheet HTML 15Page - Linear Technology LTM4642 Datasheet HTML 16Page - Linear Technology LTM4642 Datasheet HTML 17Page - Linear Technology LTM4642 Datasheet HTML 18Page - Linear Technology LTM4642 Datasheet HTML 19Page - Linear Technology LTM4642 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
LTM4642
16
4642fb
For more information www.linear.com/LTM4642
applicaTions inForMaTion
DUTY CYCLE (VOUT/VIN)
0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5 0.55 0.6 0.65 0.7 0.75 0.8 0.85 0.9
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
4642 F04
6-PHASE
4-PHASE
3-PHASE
2-PHASE
1-PHASE
DUTY CYCLE (VOUT/VIN)
0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5 0.55 0.6 0.65 0.7 0.75 0.8 0.85 0.9
1.00
0.95
0.90
0.85
0.80
0.75
0.70
0.65
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
4642 F05
6-PHASE
4-PHASE
3-PHASE
2-PHASE
1-PHASE
Figure 4. Normalized Input RMS Ripple Current vs Duty Cycle for One to Six Phases*
*THE LTM4642 CAN ONLY HAVE THE TWO
CHANNELS PER MODULE PARALLELED
Figure 5. Normalized Output Ripple Current vs Duty Cycle, Dlr = VOUT T/L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com