Electronic Components Datasheet Search
  English  ▼

X  

LTM4642 Datasheet(PDF) 32 Page - Linear Technology

Part # LTM4642
Description  20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4642 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTM4642 Datasheet HTML 24Page - Linear Technology LTM4642 Datasheet HTML 25Page - Linear Technology LTM4642 Datasheet HTML 26Page - Linear Technology LTM4642 Datasheet HTML 27Page - Linear Technology LTM4642 Datasheet HTML 28Page - Linear Technology LTM4642 Datasheet HTML 29Page - Linear Technology LTM4642 Datasheet HTML 30Page - Linear Technology LTM4642 Datasheet HTML 31Page - Linear Technology LTM4642 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTM4642
32
4642fb
For more information www.linear.com/LTM4642
LINEAR TECHNOLOGY CORPORATION 2016
LT 0617 Rev B • PRINTED IN USA
www.linear.com/LTM4642
package phoTograph
relaTeD parTs
PART NUMBER DESCRIPTION
COMMENTS
LTM4614
Dual, 4A, Low VIN, DC/DC µModule Regulator
2.375V ≤ VIN ≤ 5.5V, 0.8V ≤ VOUT ≤ 5V, 15mm × 15mm × 2.82mm LGA
LTM4615
Triple, Low VIN, DC/DC µModule Regulator
Two 4A Outputs and One 1.5A, 15mm × 15mm × 2.82mm LGA, 2.375V ≤ VIN ≤ 5.5V
LTM4616
Dual, 8A, Low VIN, DC/DC µModule Regulator
2.7V ≤ VIN ≤ 5.5V, 0.6V ≤ VOUT ≤ 5V, 15mm × 15mm × 2.82mm LGA
LTM4628
Dual, 8A, 26V, DC/DC µModule Regulator
4.5V ≤ VIN ≤ 28.5V, 0.6V ≤ VOUT ≤ 5.5V, Remote Sense Amplifier, Internal Temperature
Sensing Diode Output, 15mm × 15mm × 4.32mm LGA
LTM4620A
Dual, 16V, 13A, 26A, Step-Down µModule
Regulator
4.5V ≤ VIN ≤ 16V, 0.6V ≤ VOUT ≤ 5.3V, 15mm × 15mm × 4.41mm LGA
Design resources
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
TechClip Videos
Quick videos detailing how to bench test electrical and thermal performance of µModule products.
Digital Power System Management
Linear Technology’s family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com