Electronic Components Datasheet Search
  English  ▼

X  

LTM4646 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM4646
Description  Dual 10A or Single 20A 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4646 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM4646 Datasheet HTML 4Page - Linear Technology LTM4646 Datasheet HTML 5Page - Linear Technology LTM4646 Datasheet HTML 6Page - Linear Technology LTM4646 Datasheet HTML 7Page - Linear Technology LTM4646 Datasheet HTML 8Page - Linear Technology LTM4646 Datasheet HTML 9Page - Linear Technology LTM4646 Datasheet HTML 10Page - Linear Technology LTM4646 Datasheet HTML 11Page - Linear Technology LTM4646 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
LTM4646
8
4646f
For more information www.linear.com/LTM4646
PIN FUNCTIONS
VOUT1 (H1, J1-J2, K1-K2, L1-L2): Power Output Pins.
Apply output load between these pins and GND pins.
Recommend placing output decoupling capacitance
directly between these pins and GND pins. There is a
49.9Ω resistor connected between VOUT1 and VOUTS1 to
protect the output from an open VOUTS1. Review Table 5.
See Note 8 in the Electrical Characteristics section for
output current guideline.
GND (A3, A6-A7, B3, B6-B7, C3-C7, D6-D7, E6, E8, F5,
F7, G6, G8, H6-H7, J4-J7, K3, K6-K7, L3, L6-L7 ): Power
Ground Pins for Both Input and Output Returns.
VOUT2 (A1-A2, B1-B2, C1-C2, D1): Power Output Pins.
Apply output load between these pins and GND pins.
Recommend placing output decoupling capacitance
directly between these pins and GND pins. There is a
49.9Ω resistor connected between VOUT2 and VOUTS2 to
protect the output from an open VOUTS2. Review Table 5.
See Note 8 in the Electrical Characteristics section for
output current guideline.
VOUTS1, VOUTS2 (G2, E2): These pins are connected to
the top of the internal top feedback resistor for each out-
put. Each pin can be directly connected to its specific
output, or connected to the remote sense point of VOUT.
It is important to connect these pins to their designated
outputs for proper regulation.
In paralleling modules, the VOUTS1 pin is left floating, and
the VFB1 pin is connected to INTVCC. This will disable chan-
nel 1’s error amplifier and internally connect COMP1A to
COMP2A. The PGOOD1 and TRACK/SS1 will be disabled
in this mode. Channel 2’s error amplifier will regulate the
two channel single output. See VFB pin description and
Applications Information section.
FREQ (F1): Frequency Set Pin. A resistor from this pin to
SGND sets the operating frequency. The Equation:
41550
f(kHz)
– 2.2 = RFREQ(kΩ)
An external clock applied to MODE_PLLIN should be
within ±30% of this programmed frequency to ensure
frequency lock. See the Applications Information section.
SGND (D3, H3): Signal Ground Pin. Return ground path
for all analog and low power circuitry. Tie a single con-
nection to the output capacitor GND in the application.
See layout guidelines in Figure 17.
VFB1 (G4): This pin is the + input to a unity gain differen-
tial amplifier. This pin is connected to VOUTS1 with a 60.4k
precision resistor internal. Different output voltages can be
programmed with an additional resistor between VFB1 and
VOUTS1– pins. The differential amplifier is feeding back the
divided down output voltage from a remote sense divider
network to compare to the internal 0.6V reference. In 2-phase
single output operation, tie the VFB1 pin to INTVCC. See
Figure1 and Applications Information section for details.
VFB2 (E4): This pin is the + input to a non-inverting gain
of two amplifier utilizing three resistors in the feedback
network to develop a remote sense divider network. This
pin is connected to VOUTS2 with an internal 60.4k preci-
sion resistor. The VOUT2 voltage is divided down to 0.3V
then gained back up to 0.6V to compare with the internal
0.6V reference. This technique provides for equivalent
remote sensing on VOUT2. See Figure 1 and Applications
Information section fordetails.
TRACK/SS1,TRACK/SS2 (H4, F2): Output Voltage Tracking
Pin and Soft-Start Inputs. Each channel has a 1.0A pull-up
current source. Each pin can be programmed with a soft-
start ramp rate up to the 0.6V internal reference level, then
beyond this point the internal 0.6V reference will control the
feedback loop. When one channel is configured to be master
of the two channels, then a capacitor from this pin to ground
will set the soft-start ramp rate. The remaining channel can
be set up as the slave, and have the master’s output applied
through a voltage divider to the slave output’s track pin. This
voltage divider is equal to the slave output’s feedback divider
for coincidental tracking. See the Applications Information
section. (Recommended to use test points to monitor signal
pin connections.)
DRVCC (G7): Internal 5.3V regulator output used to source
the power MOSFET drivers, and supply power to the
INTVCC input. A 4.7µF ceramic capacitor is needed on
this pin to GND.
(Recommended to Use Test Points to Monitor Signal Pin Connections.)
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com