Electronic Components Datasheet Search
  English  ▼

X  

LTM4646 Datasheet(PDF) 32 Page - Linear Technology

Part # LTM4646
Description  Dual 10A or Single 20A 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4646 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTM4646 Datasheet HTML 26Page - Linear Technology LTM4646 Datasheet HTML 27Page - Linear Technology LTM4646 Datasheet HTML 28Page - Linear Technology LTM4646 Datasheet HTML 29Page - Linear Technology LTM4646 Datasheet HTML 30Page - Linear Technology LTM4646 Datasheet HTML 31Page - Linear Technology LTM4646 Datasheet HTML 32Page - Linear Technology LTM4646 Datasheet HTML 33Page - Linear Technology LTM4646 Datasheet HTML 34Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
LTM4646
32
4646f
For more information www.linear.com/LTM4646
LTM4646 Component BGA Pinout
PACKAGE DESCRIPTION
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
A1
VOUT2
B1
VOUT2
C1
VOUT2
D1
VOUT2
E1
COMP2B
F1
FREQ
A2
VOUT2
B2
VOUT2
C2
VOUT2
D2
VRNG
E2
VOUTS2
F2
TRACK/SS2
A3
GND
B3
GND
C3
GND
D3
SGND
E3
COMP2A
F3
MODE_PLLIN
A4
VIN2
B4
VIN2
C4
GND
D4
VOUTS2–
E4
VFB2
F4
CLKOUT
A5
VIN2
B5
VIN2
C5
GND
D5
RUN2
E5
PGOOD2
F5
GND
A6
GND
B6
GND
C6
GND
D6
GND
E6
GND
F6
INTVCC
A7
GND
B7
GND
C7
GND
D7
GND
E7
EXTVCC
F7
GND
A8
TEMP2–
B8
TEMP2+
C8
SW2
D8
SW2
E8
GND
F8
CPWR
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
G1
COMP1B
H1
VOUT1
J1
VOUT1
K1
VOUT1
L1
VOUT1
G2
VOUTS1
H2
PHASMD
J2
VOUT1
K2
VOUT1
L2
VOUT1
G3
COMP1A
H3
SGND
J3
VOUTS1–
K3
GND
L3
GND
G4
VFB1
H4
TRACK/SS1
J4
GND
K4
VIN1
L4
VIN1
G5
PGOOD1
H5
RUN1
J5
GND
K5
VIN1
L5
VIN1
G6
GND
H6
GND
J6
GND
K6
GND
L6
GND
G7
DRVCC
H7
GND
J7
GND
K7
GND
L7
GND
G8
GND
H8
SW1
J8
SW1
K8
TEMP1–
L8
TEMP1+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com