Electronic Components Datasheet Search
  English  ▼

X  

LTM4646 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM4646
Description  Dual 10A or Single 20A 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4646 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM4646 Datasheet HTML 5Page - Linear Technology LTM4646 Datasheet HTML 6Page - Linear Technology LTM4646 Datasheet HTML 7Page - Linear Technology LTM4646 Datasheet HTML 8Page - Linear Technology LTM4646 Datasheet HTML 9Page - Linear Technology LTM4646 Datasheet HTML 10Page - Linear Technology LTM4646 Datasheet HTML 11Page - Linear Technology LTM4646 Datasheet HTML 12Page - Linear Technology LTM4646 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
LTM4646
9
4646f
For more information www.linear.com/LTM4646
PIN FUNCTIONS
CPWR (F8): Input Power to the Control IC, and Power
to the DRVCC Regulator. This pin is connected to VIN for
normal 4.5V to 20V operation. For lower voltage inputs
below 4.5V, CPWR can be powered with an external 5V
bias. See Application section.
COMP1A, COMP2A (G3, E3): Current Control Threshold.
These pins are the output of the error amplifier and the
switching regulator’s compensation point. The current
comparator threshold increases with this control voltage.
The voltage ranges from 0V to 2.4V.
COMP1B, COMP2B (G1, E1): Internal Compensation
Network .These pins are to be connected to their respected
COMPA pins. When Utilizing specific external compensa-
tion, then float these pins.
MODE_PLLIN (F3): Operation Mode Selection or External
Clock Synchronization Input. When this pin is tied to INTVCC,
forced continuous mode operation is selected. Tying this pin
to SGND allows discontinuous mode operation. When an
external clock is applied at this pin, both channels operate
in forced continuous mode and synchronize to the external
clock. This pin has an internal 600k pull-down resistor to
SGND. An external clock applied to MODE_PLLIN should
be within ±30% of this programmed frequency to ensure
frequency lock.
CLKOUT (F4): Clock output with phase control using the
PHASMD pin to enable multiphase operation between
devices. Its output level swings between INTVCC and SGND.
If clock input is present at the MODE_PLLIN pin, it will
be synchronized to the input clock, with phase set by the
PHASMD pin. If no clock is present at MODE_PLLIN, its
frequency will be set by the FREQ pin. To synchronize other
controllers, it can be connected to their MODE_PLLIN pins.
See the Applications Information section.
RUN1, RUN2 (H5, D5): Run Control Pins. A voltage above
1.3V will turn on each channel in the module. A voltage below
1.0V on the RUN pin will turn off the related channel. Each
RUN pin has a 1.2A pull-up current, once the RUN pin
reaches 1.2V an additional 4.5A pull-up current is added
to this pin. A 100k resistor to ground is internal, and can be
used with a pull-up resistor to VIN toturnonthemoduleusing
the external and internal resistor to program under voltage
lockout. Otherwise, an external enable signal or source can
drive these pins directly below the 6V max. Enabling either
RUN pin will turn on the DRVCC, and turn on the INTVCCpath
for operation. See Figure1 and Applications section.
PHASMD (H2): Connect this pin to SGND, INTVCC, or
floating this pin to select the phase of CLKOUT and chan-
nel 2. See Electrical Characteristics table and Application
section.
PGOOD1, PGOOD2 (G5, E5): Output Voltage Power Good
Indicator. Open-drain logic output that is pulled to ground
when the output voltage is not within ±7.5% of the regula-
tion point. See Applications section.
INTVCC (F6): Supply Input for Internal Circuitry (Not
Including Gate Drivers). This bias is derived from DRVCC
internally.
EXTVCC (E7): External Power Input. When EXTVCC exceeds
the switchover voltage (typically 4.6V), an internal switch
connects this pin to DRVCC and shuts down the internal
regulator so that INTVCC and gate drivers draw power
from EXTVCC. The VIN pin still needs to be powered up
but draws minimum current.
TEMP1+,TEMP1– and TEMP2+, TEMP2– (L8, K8 and
B8, A8): Onboard temperature diode for monitoring each
channel with differential connections for noise immunity.
VIN1 (K4-K5, L4-L5) and VIN2 (A4-A5, B4-B5): Power
Input Pins. Apply input voltage between these pins and
GND pins. Recommend placing input decoupling capaci-
tance directly between VIN pins and GND pins.
VOUTS1– (J3): Differential Output Sense Amplifier (–) Input
of channel 1. Connect this pin to the negative terminal of
the output load capacitor of VOUT1.
VOUTS2– (D4): Differential Output Sense Amplifier (–)
Input of channel 2. Connect this pin to the negative ter-
minal of the output load capacitor of VOUT2.
SW1 (H8, J8) and SW2 (C8, D8): Switching node of each
channel that is used for testing purposes. Also an R-C
snubber network can be applied to reduce or eliminate
switch node ringing, or otherwise leave floating. See the
Applications Information section.
VRNG (D2): Current Limit Adjustment Range. Tying this
pin to INTVCC sets full 10A current, or tying to SGND will
lower the current limit to 5A. Default to INTVCC.
(Recommended to Use Test Points to Monitor Signal Pin Connections.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com