Electronic Components Datasheet Search
  English  ▼

X  

LTM4646 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4646
Description  Dual 10A or Single 20A 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4646 Datasheet(HTML) 5 Page - Linear Technology

  LTM4646 Datasheet HTML 1Page - Linear Technology LTM4646 Datasheet HTML 2Page - Linear Technology LTM4646 Datasheet HTML 3Page - Linear Technology LTM4646 Datasheet HTML 4Page - Linear Technology LTM4646 Datasheet HTML 5Page - Linear Technology LTM4646 Datasheet HTML 6Page - Linear Technology LTM4646 Datasheet HTML 7Page - Linear Technology LTM4646 Datasheet HTML 8Page - Linear Technology LTM4646 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
LTM4646
5
4646f
For more information www.linear.com/LTM4646
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating temperature range (Note 2). Specified as each individual output channel. TA = 25°C, VIN = 12V and VRUN1, VRUN2 at 5V
unless otherwise noted. Per the typical application in Figure 18.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM4646 is tested under pulsed load conditions such
that TJ ≈ TA. The LTM4646E is guaranteed to meet specifications from
0°C to 125°C internal temperature. Specifications over the –40°C to
125°C internal operating temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTM4646I is guaranteed over the full –40°C to 125°C internal operating
temperature range. Note that the maximum ambient temperature
consistent with these specifications is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
impedance and other environmental factors.
Note 3: Two outputs are tested separately and the same testing condition
is applied to each output.
Note 4: The switching frequency is programmable from 250kHz to 1.3MHz.
Note 5: LTM4646 device is optimized to operate from 300kHz to 750kHz.
Note 6: These parameters are tested at wafer sort.
Note 7: See output current derating curves for different VIN, VOUT and TA.
Note 8: For 6V ≤ VIN ≤ 20V, the 3.3 to 5V output current needs to be
limited to 9A/channel. All other input and output combinations are 10A/
channel with recommended switching frequency included in the efficiency
graphs. Derating curves and airflow apply.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSYNC
(Each Channel)
Frequency SYNC Capture Range
MODE_PLLIN Clock Duty Cycle = 50%
250
1300
kHz
VRNG ILIMIT
SET Current Limit
Per Channel
VRNG = INTVCC, IOUT to 10A, ILIMIT ~22A
VRNG = SGND, IOUT to 5A, ILIMIT ~11A
20
9
A
A
tD(PGOOD)
Delay from VFB Fault (OV/UV) to
PGOOD Falling
(Note 6)
50
s
tD(PGOOD)
Delay from VFB Fault (OV/UV Clear)
to PGOOD
(Note 6)
20
s
VTEMP1, VTEMP2
TEMP Diode Voltage
ITEMP = 100µA
0.598
V
TC VTEMP1,2
VTEMP Temperature Coefficient
–2.0
mV/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com