Electronic Components Datasheet Search
  English  ▼

X  

1076751 Datasheet(PDF) 2 Page - SICK AG

Part # 1076751
Description  INDUCTIVE PROXIMITY SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1076751 Datasheet(HTML) 2 Page - SICK AG

  1076751 Datasheet HTML 1Page - SICK AG 1076751 Datasheet HTML 2Page - SICK AG 1076751 Datasheet HTML 3Page - SICK AG 1076751 Datasheet HTML 4Page - SICK AG 1076751 Datasheet HTML 5Page - SICK AG 1076751 Datasheet HTML 6Page - SICK AG 1076751 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
IMF08-04NPONC0S | IMF
INDUCTIVE PROXIMITY SENSORS
Illustration may differ
Ordering information
Type
Part no.
IMF08-04NPONC0S
1076751
Other models and accessories
www.sick.com/IMF
Detailed technical data
Features
Housing
Cylindrical thread design
Housing
Standard
Thread size
M8
1
Diameter
Ø 8 mm
Sensing range Sn
4 mm
Safe sensing range Sa
3.24 mm
Installation type
Non-flush
Switching frequency
4,000 Hz
Connection type
Male connector M12, 4-pin 1)
Switching output
PNP
Output function
NC
Electrical wiring
DC 3-wire
Enclosure rating
IP68 2)
IP69K 3)
Special features
Suitable for use in the food industry, Resistant to cleaning agents
1) With gold plated contact pins.
2) According to EN 60529.
3) According to ISO 20653:2013-03.
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC
Ripple
≤ 10 %
Voltage drop
≤ 2 V 1)
Current consumption
≤ 10 mA 2)
Hysteresis
3 % ... 20 %
1) At Ia max.
2) Without load.
3) Ub and Ta constant.
4) Of Sr.
2
PROXIMITY SENSORS | SICK
Online data sheet | 2018-03-19 18:38:31
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com