Electronic Components Datasheet Search
  English  ▼

X  

1076751 Datasheet(PDF) 5 Page - SICK AG

Part # 1076751
Description  INDUCTIVE PROXIMITY SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1076751 Datasheet(HTML) 5 Page - SICK AG

  1076751 Datasheet HTML 1Page - SICK AG 1076751 Datasheet HTML 2Page - SICK AG 1076751 Datasheet HTML 3Page - SICK AG 1076751 Datasheet HTML 4Page - SICK AG 1076751 Datasheet HTML 5Page - SICK AG 1076751 Datasheet HTML 6Page - SICK AG 1076751 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IMF08-04NPONC0S | IMF
INDUCTIVE PROXIMITY SENSORS
Characteristic curve
Non-flush installation
0
0
8
(0.31)
4
(0.16)
4
(0.16)
1
(0.04)
3
(0.12)
2
(0.08)
4
(0.16)
8
(0.31)
Sn in mm (inch)
Distance in mm (inch)
Dimensional drawing (Dimensions in mm (inch))
IMF08, non flush
4
(0.16)
28 (1.1)
60 (2.36)
8.9 (0.35)
Recommended accessories
Other models and accessories
www.sick.com/IMF
Brief description
Type
Part no.
Mounting brackets and plates
Mounting plate for M8 sensors, steel, zinc coated, without mounting hardware
BEF-WG-M08
5321722
Mounting bracket for M8 sensors, steel, zinc coated, without mounting hardware
BEF-WN-M08
5321721
Plug connectors and cables
Head A: female connector, M12, 4-pin, straight
Head B: open cable ends
Cable: PP, unshielded, 2 m
This product is generally resistant to chemical cleaning agents (see ECOLAB) and other
chemical compounds such as H2O2 and CH2O2. Before permanent installation is car-
ried out, the material's resistance to the cleaning agent being used must be checked.
DOL-1204-G02MRN
6058291
2018-03-19 18:38:31 | Online data sheet
Subject to change without notice
PROXIMITY SENSORS | SICK
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com