Electronic Components Datasheet Search
  English  ▼

X  

1076751 Datasheet(PDF) 3 Page - SICK AG

Part # 1076751
Description  INDUCTIVE PROXIMITY SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1076751 Datasheet(HTML) 3 Page - SICK AG

  1076751 Datasheet HTML 1Page - SICK AG 1076751 Datasheet HTML 2Page - SICK AG 1076751 Datasheet HTML 3Page - SICK AG 1076751 Datasheet HTML 4Page - SICK AG 1076751 Datasheet HTML 5Page - SICK AG 1076751 Datasheet HTML 6Page - SICK AG 1076751 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IMF08-04NPONC0S | IMF
INDUCTIVE PROXIMITY SENSORS
Reproducibility
≤ 2 % 3) 4)
Temperature drift (of Sr)
± 10 %
EMC
According to EN 60947-5-2
Continuous current Ia
≤ 200 mA
Short-circuit protection
✔
Reverse polarity protection
✔
Power-up pulse protection
✔
Shock and vibration resistance
100 g / 11 ms / 1000 cycles; 150 g / 1 Mio cycles; 10 Hz ... 55 Hz, 1 mm / 55 z ... 500 Hz /
15 g
Ambient operating temperature
–40 °C ... +100 °C
Housing material
Stainless steel, V4A (1.4404, AISI 316L)
Sensing face material
Plastic, LCP (FDA certified)
Housing length
60 mm
Thread length
28 mm
Tightening torque, max.
Typ. 14 Nm
UL File No.
E181493
1) At Ia max.
2) Without load.
3) Ub and Ta constant.
4) Of Sr.
Reduction factors
Note
The values are reference values which may vary
Stainless steel (V2A, 304)
Approx. 0.69
Aluminum (Al)
Approx. 0.37
Copper (Cu)
Approx. 0.28
Brass (Br)
Approx. 0.4
Installation note
Remark
Associated graphic see "Installation"
A
8 mm
B
18 mm
C
8 mm
D
12 mm
E
8 mm
F
32 mm
Classifications
ECl@ss 5.0
27270101
ECl@ss 5.1.4
27270101
ECl@ss 6.0
27270101
ECl@ss 6.2
27270101
ECl@ss 7.0
27270101
ECl@ss 8.0
27270101
2018-03-19 18:38:31 | Online data sheet
Subject to change without notice
PROXIMITY SENSORS | SICK
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com