Electronic Components Datasheet Search
  English  ▼

X  

1076751 Datasheet(PDF) 6 Page - SICK AG

Part # 1076751
Description  INDUCTIVE PROXIMITY SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1076751 Datasheet(HTML) 6 Page - SICK AG

  1076751 Datasheet HTML 1Page - SICK AG 1076751 Datasheet HTML 2Page - SICK AG 1076751 Datasheet HTML 3Page - SICK AG 1076751 Datasheet HTML 4Page - SICK AG 1076751 Datasheet HTML 5Page - SICK AG 1076751 Datasheet HTML 6Page - SICK AG 1076751 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
IMF08-04NPONC0S | IMF
INDUCTIVE PROXIMITY SENSORS
Brief description
Type
Part no.
Head A: female connector, M12, 4-pin, straight
Head B: open cable ends
Cable: PP, unshielded, 5 m
This product is generally resistant to chemical cleaning agents (see ECOLAB) and other
chemical compounds such as H2O2 and CH2O2. Before permanent installation is car-
ried out, the material's resistance to the cleaning agent being used must be checked.
DOL-1204-G05MRN
6058476
Head A: female connector, M12, 4-pin, angled with LED
Head B: open cable ends
Cable: PP, unshielded, 2 m
This product is generally resistant to chemical cleaning agents (see ECOLAB) and other
chemical compounds such as H2O2 and CH2O2. Before permanent installation is car-
ried out, the material's resistance to the cleaning agent being used must be checked.
DOL-1204-L02MRN
6058482
Head A: female connector, M12, 4-pin, angled with LED
Head B: open cable ends
Cable: PP, unshielded, 5 m
This product is generally resistant to chemical cleaning agents (see ECOLAB) and other
chemical compounds such as H2O2 and CH2O2. Before permanent installation is car-
ried out, the material's resistance to the cleaning agent being used must be checked.
DOL-1204-L05MRN
6058483
Head A: female connector, M12, 4-pin, angled
Head B: open cable ends
Cable: PP, unshielded, 2 m
This product is generally resistant to chemical cleaning agents (see ECOLAB) and other
chemical compounds such as H2O2 and CH2O2. Before permanent installation is car-
ried out, the material's resistance to the cleaning agent being used must be checked.
DOL-1204-W02MRN
6058474
Head A: female connector, M12, 4-pin, angled
Head B: open cable ends
Cable: PP, unshielded, 5 m
This product is generally resistant to chemical cleaning agents (see ECOLAB) and other
chemical compounds such as H2O2 and CH2O2. Before permanent installation is car-
ried out, the material's resistance to the cleaning agent being used must be checked.
DOL-1204-W05MRN
6058477
Head A: female connector, M12, 4-pin, angled
Head B: male connector, M12, 4-pin, straight
Cable: PP, unshielded, 2 m
This product is generally resistant to chemical cleaning agents (see ECOLAB) and other
chemical compounds such as H2O2 and CH2O2. Before permanent installation is car-
ried out, the material's resistance to the cleaning agent being used must be checked.
DSL-1204-B02MRN
6058502
Head A: female connector, M12, 4-pin, angled
Head B: male connector, M12, 4-pin, straight
Cable: PP, unshielded, 5 m
This product is generally resistant to chemical cleaning agents (see ECOLAB) and other
chemical compounds such as H2O2 and CH2O2. Before permanent installation is car-
ried out, the material's resistance to the cleaning agent being used must be checked.
DSL-1204-B05MRN
6058503
Head A: female connector, M12, 4-pin, straight
Head B: male connector, M12, 4-pin, straight
Cable: PP, unshielded, 2 m
This product is generally resistant to chemical cleaning agents (see ECOLAB) and other
chemical compounds such as H2O2 and CH2O2. Before permanent installation is car-
ried out, the material's resistance to the cleaning agent being used must be checked.
DSL-1204-G02MRN
6058499
Head A: female connector, M12, 4-pin, straight
Head B: male connector, M12, 4-pin, straight
Cable: PP, unshielded, 5 m
This product is generally resistant to chemical cleaning agents (see ECOLAB) and other
chemical compounds such as H2O2 and CH2O2. Before permanent installation is car-
ried out, the material's resistance to the cleaning agent being used must be checked.
DSL-1204-G05MRN
6058500
6
PROXIMITY SENSORS | SICK
Online data sheet | 2018-03-19 18:38:31
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com