Electronic Components Datasheet Search
  English  ▼

X  

LTM4630 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4630
Description  Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4630 Datasheet(HTML) 1 Page - Linear Technology

  LTM4630 Datasheet HTML 1Page - Linear Technology LTM4630 Datasheet HTML 2Page - Linear Technology LTM4630 Datasheet HTML 3Page - Linear Technology LTM4630 Datasheet HTML 4Page - Linear Technology LTM4630 Datasheet HTML 5Page - Linear Technology LTM4630 Datasheet HTML 6Page - Linear Technology LTM4630 Datasheet HTML 7Page - Linear Technology LTM4630 Datasheet HTML 8Page - Linear Technology LTM4630 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 136 page
background image
LTM4676A
1
4676afa
For more information www.linear.com/LTM4676A
Typical applicaTion
FeaTures
DescripTion
Dual 13A or Single 26A
µModule Regulator with Digital
Power System Management
The LTM®4676A is a dual 13A or single 26A step-down
µModule® (micromodule) DC/DC regulator with 40ms
turn-on time. It features remote configurability and
telemetry-monitoring of power management parameters
overPMBus—anopenstandardI2C-baseddigitalinterface
protocol . The LTM4676A is comprised of fast analog
control loops, precision mixed-signal circuitry, EEPROM,
power MOSFETs, inductors and supporting components.
The LTM4676A’s 2-wire serial interface allows outputs to
be margined, tuned and ramped up and down at program-
mable slew rates with sequencing delay times. Input and
outputcurrentsandvoltages,outputpower,temperatures,
uptime and peak values are readable. At start-up, output
voltages, switching frequency, and channel phase angle
assignments can be set by pin-strapping resistors. The
LTpowerPlay™ GUI and DC1613 USB-to-PMBus converter
and demo kits are available.
The LTM4676A is pin-compatible and the improved
performance version of the LTM4676.
applicaTions
n
Dual, Fast, Analog Loops with Digital Interface for
Control and Monitoring
n
Wide Input Voltage Range: 4.5V to 26.5V
n
Output Voltage Range: 0.5V to 5.5V
n
±0.5% Maximum DC Output Error Over Temperature
n
±2.5% Current Readback Accuracy at 10A Load
n
400kHz PMBus-Compliant I2C Serial Interface
n
Integrated 16-Bit ∆Σ ADC
n
Supports Telemetry Polling Rates Up to 125Hz
n
Constant Frequency Current Mode Control
n
Parallel and Current Share Multiple Modules
n
All 7-Bit Slave Addresses Supported
n
Pin-Compatible to Dual 18A LTM4677
n
16mm × 16mm × 5.01mm BGA Package
Readable Data:
n
Input and Output Voltages, Currents, and Temperatures
n
Running Peak Values, Uptime, Faults and Warnings
n
Onboard EEPROM Fault Log Record with ECC
Writable Data and Configurable Parameters:
n
Output Voltage, Voltage Sequencing and Margining
n
Digital Soft-Start/Stop Ramp
n
OV/UV/OT, UVLO, Frequency and Phasing
n
System Optimization, Characterization and Data Min-
ing in Prototype, Production and Field Environments
L
, LT, LTC, LTM, Linear Technology, the Linear logo, µModule and PolyPhase are registered
trademarks and LTpowerPlay is a trademark of Analog Devices, Inc. All other trademarks are
the property of their respective owners. Protected by U.S. Patents including 5408150, 5481178,
5705919, 5929620, 6144194, 6177787, 6580258, 7420359, 8163643. Licensed under U.S.
Patent 7000125 and other related patents worldwide.
Dual 13A µModule Regulator with Digital
Interface for Control and Monitoring*
Using PMBus and LTpowerPlay to Monitor Telemetry and Margin
VOUT0/VOUT1 During Load Pattern Tests. 10Hz Polling Rate. 12VIN
22µF
×3
ON/OFF CONTROL
FAULT INTERRUPTS,
POWER SEQUENCING
PWM CLOCK AND
TIME-BASE
SYNCHRONIZATION
VIN
5.75V TO 26.5V
VOSNS0–
VOUT0,
ADJUSTABLE
UP TO 13A
100µF
×7
VOSNS0+
VOUT0
VIN0
VIN1
SVIN
LOAD0
VOUT1,
ADJUSTABLE
UP TO 13A
100µF
×7
I2C/SMBus I/F WITH
PMBus COMMAND SET
TO/FROM IPMI OR OTHER
BOARD MANAGEMENT
CONTROLLER
LOAD1
RUN0
RUN1
WP
*FOR COMPLETE CIRCUIT, SEE FIGURE 69
LTM4676A
GND
4676A TA01a
SGND
SCL
SDA
ALERT
VOSNS1
VOUT1
GPIO0
GPIO1
REGISTER WRITE
PROTECTION
SYNC
SHARE_CLK
1.1
1.0
0.9
0.8
1.9
1.8
1.7
1.6
0
3
6
TIME (SEC)
Output Voltage Readback, VOUT Margined 7.5% Low
4676A TA01b
9
12
15
10
5
0
15
10
5
0
0
3
6
TIME (SEC)
Output Current Readback, Varying Load Pattern
4676A TA01c
9
12
1.5
1.0
0.5
0
2.4
1.6
0.8
0
0
3
6
TIME (SEC)
Input Current Readback
4676A TA01d
9
12
60
57
54
51
60
57
54
51
0
3
6
TIME (SEC)
Power Stage Temperature Readback
4676A TA01e
9
12
Click to view associated Video Design Idea.


Similar Part No. - LTM4630

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4630 LINER-LTM4630 Datasheet
643Kb / 34P
Dual 18A or Single 36A DC/DC 關Module Regulator
LTM4630 LINER-LTM4630 Datasheet
1Mb / 28P
Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
LTM4630 LINER-LTM4630 Datasheet
519Kb / 32P
Triple 10A Step-DownDC/DC 關Module Regulator
LTM4630 LINER-LTM4630 Datasheet
746Kb / 32P
Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
LTM4630 LINER-LTM4630 Datasheet
1Mb / 36P
40A DC/DC 關Module Regulator
More results

Similar Description - LTM4630

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4620A LINER-LTM4620A Datasheet
554Kb / 36P
Dual 13A or Single 26A DC/DC 關Module Regulator Frequency Synchronization
LTM4620 LINER-LTM4620 Datasheet
2Mb / 36P
Dual 13A or Single 26A DC/DC 關Module Regulator
LTM4620 LINER-LTM4620_15 Datasheet
657Kb / 40P
Dual 13A or Single 26A DC/DC Module Regulator
LTM4620A LINER-LTM4620A_15 Datasheet
716Kb / 40P
Dual 13A or Single 26A DC/DC Module Regulator
LTM4676A LINER-LTM4676A_15 Datasheet
1Mb / 130P
Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4675 LINER-LTM4675_15 Datasheet
2Mb / 128P
Dual 9A or Single 18A Module Regulator with Digital Power System Management
LTM4676 LINER-LTM4676_15 Datasheet
1Mb / 78P
Dual 13A or Single 26A Module Regulator with Digital Power System Management
LTM4676EY LINER-LTM4676EY Datasheet
2Mb / 10P
26A Step-Down 關Module Regulator with PMBus Power System Management
logo
Analog Devices
LTM4678 AD-LTM4678 Datasheet
6Mb / 124P
Dual 25A or Single 50A 關Module Regulator with Digital Power System Management
LTM4686B AD-LTM4686B Datasheet
3Mb / 130P
Ultrathin Dual 14A or Single 28A 關Module Regulator with Digital Power System Management
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com