Electronic Components Datasheet Search
  English  ▼

X  

LTM4630 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM4630
Description  Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4630 Datasheet(HTML) 3 Page - Linear Technology

  LTM4630 Datasheet HTML 1Page - Linear Technology LTM4630 Datasheet HTML 2Page - Linear Technology LTM4630 Datasheet HTML 3Page - Linear Technology LTM4630 Datasheet HTML 4Page - Linear Technology LTM4630 Datasheet HTML 5Page - Linear Technology LTM4630 Datasheet HTML 6Page - Linear Technology LTM4630 Datasheet HTML 7Page - Linear Technology LTM4630 Datasheet HTML 8Page - Linear Technology LTM4630 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 136 page
background image
LTM4676A
3
4676afa
For more information www.linear.com/LTM4676A
pin conFiguraTion
absoluTe MaxiMuM raTings
Terminal Voltages:
VINn (Note 4), SVIN..................................... –0.3V to 28V
VOUTn ........................................................... –0.3V to 6V
VOSNS0+, VORB0+, VOSNS1, VORB1, INTVCC .... –0.3V to 6V
RUNn, SDA, SCL, ALERT........................... –0.3V to 5.5V
FSWPHCFG, VOUTnCFG, VTRIMnCFG, ASEL .. –0.3V to 2.75V
VDD33, GPIOn, SYNC, SHARE_CLK, WP,
COMPna, VOSNS0–, VORB0–........................ –0.3V to 3.6V
SGND........................................................ –0.3V to 0.3V
Temperatures
Internal Operating Temperature Range
(Notes 2, 3)............................................ –40°C to 125°C
Storage Temperature Range .................. –55°C to 125°C
Peak Solder Reflow Package Body Temperature... 245°C
(Note 1)
VIN0
VIN1
VOUT0
VOUT1
1
A
B
C
D
E
F
G
H
J
K
L
M
2
3
4
5
6
7
TOP VIEW
8
9
10
11
12
GND
GND
GND
GND
BGA PACKAGE
144-LEAD (16mm
× 16mm × 5.01mm)
GND
GND
TJMAX = 125°C, θJCtop = 8.8°C/W, θJCbottom = 0.8°C/W, θJB = 1.3°C/W, θJA = 10.3°C/W
θ VALUES DETERMINED PER JESD51-12
WEIGHT = 3.3 GRAMS
orDer inForMaTion
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(See Note 2)
DEVICE
FINISH CODE
LTM4676AEY#PBF
SAC305 (RoHS)
LTM4676AY
e1
BGA
4
–40°C to 125°C
LTM4676AIY#PBF
SAC305 (RoHS)
LTM4676AY
e1
BGA
4
–40°C to 125°C
LTM4676AIY
SnPb (63/37)
LTM4676AY
e0
BGA
4
–40°C to 125°C
Consult Marketing for parts specified with wider operating temperature
ranges. *Device temperature grade is indicated by a label on the shipping
container. Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Marking:
www.linear.com/leadfree
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures:
www.linear.com/umodule/pcbassembly
• LGA and BGA Package and Tray Drawings:
www.linear.com/packaging
http://www.linear.com/product/LTM4676A#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com