Electronic Components Datasheet Search
  English  ▼

X  

LTM4630 Datasheet(PDF) 36 Page - Linear Technology

Part # LTM4630
Description  Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4630 Datasheet(HTML) 36 Page - Linear Technology

Back Button LTM4630 Datasheet HTML 32Page - Linear Technology LTM4630 Datasheet HTML 33Page - Linear Technology LTM4630 Datasheet HTML 34Page - Linear Technology LTM4630 Datasheet HTML 35Page - Linear Technology LTM4630 Datasheet HTML 36Page - Linear Technology LTM4630 Datasheet HTML 37Page - Linear Technology LTM4630 Datasheet HTML 38Page - Linear Technology LTM4630 Datasheet HTML 39Page - Linear Technology LTM4630 Datasheet HTML 40Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 136 page
background image
LTM4676A
36
4676afa
For more information www.linear.com/LTM4676A
operaTion
Inaddition,theLTM4676Acanmapanycombinationoffault
indicatorstotheirrespectiveGPIOn pinusingthepropagate
GPIOn response commands, MFR_GPIO_PROPAGATEn.
Typical usage of a GPIO pin is as a driver for an external
crowbardevice,overtemperaturealert,overvoltagealertor
as an interrupt to cause a microcontroller to poll the fault
commands. Alternatively, the GPIOn pins can be used as
inputs to detect external faults downstream of the control-
ler that require an immediate response. The GPIO0 and/or
GPIO1pinscanalsobeconfiguredaspowergoodoutputs.
Power good indicates the controller output is within the
OV/UV fault thresholds. At power-up the pin will initially
be three-state. If it is necessary to have the desired polar-
ity on the pin at power-up in this configuration, attach a
Schottky diode between the RUN pin of the propagated
power good signal and the GPIO pin. The Cathode must
be attached to RUN and the Anode to the GPIO pin (see
Figure 2). If the GPIO pin is set to a power good status,
the MFR_GPIO_RESPONSE must be ignore otherwise a
latched off condition exists.
As described in the Soft-Start section, it is possible to
control start-up through concatenated events. If GPIOn
is used to drive the RUN pin of another controller, the
unfiltered VOUT_UV fault limit should be mapped to the
GPIO pin.
Any fault or warning event will cause the ALERT pin to as-
sert low unless the ALERT is masked by the SMBALERT_
MASK command. The pin will remain asserted low until
the CLEAR_FAULTS command is issued, the fault bit is
written to a 1, the PMBus master successfully reads the
device ARA register, bias power is cycled or a MFR_RESET
or RESTORE_USER_ALL command is issued. Channel
specific faults are cleared if the RUN pins are toggled OFF/
ON or the part is commanded OFF/ON via PMBus. If bit
0 of MFR_CONFIG_ALL is set to a 1, toggling the RUN
pins OFF/ON or commanding the part OFF/ON via PMBus
clears all faults. The MFR_GPIO_PROPAGATEn command
determines if the GPIO pins are pulled low when a fault is
detected; however, the ALERT pin is always pulled low if a
fault or warning is detected and the status bits are updated
unlesstheALERTpinismaskedusingtheSMBALERT_MASK
command.
Output and input fault event handling is controlled by the
corresponding fault response byte as specified in Table 24
to Table 28. Shutdown recovery from these types of faults
can either be autonomous or latched. For autonomous
recovery, the faults are not latched, so if the fault condition
is not present after the retry interval has elapsed, a new
soft-start is attempted. If the fault persists, the controller
will continue to retry. The retry interval is specified by the
MFR_RETRY_DELAY command and prevents damage to
the regulator components by repetitive power cycling. The
MFR_RETRY_DELAY must be greater than 120ms. It can
not exceed 83.88 seconds.
Channel-to-channel fault dependencies can be created
by connecting GPIOn pins together. In the event of an
internal fault, one or more of the channels is configured
to pull the bussed GPIOn pins low. The other channels
are then configured to shut down when the GPIOn pins
are pulled low. For autonomous group retry, the faulted
channel is configured to release the GPIOn pin(s) after a
retry interval, assuming the original fault has cleared. All
the channels in the group then begin a soft-start sequence.
If the fault response is LATCH_OFF, the GPIO pin remains
asserted low until either the RUN pin is toggled OFF/ON
or the part is commanded OFF/ON. The toggling of the
RUN either by the pin or OFF/ON command will clear
faults associated with the channel. If it is desired to have
all faults cleared when either RUN pin is toggled, set bit 0
of MFR_CONFIG_ALL to a 1.
The status of all faults and warnings is summarized in the
STATUS_WORD and STATUS_BYTE commands.
RESPONSES TO VOUT AND IOUT FAULTS
VOUTOVandUVconditionsaremonitoredbycomparators.
The OV and UV limits are set in three ways.
n
As a Percentage of the VOUT if Using the Resistor Con-
figuration Pins
n
In EEPROM if Either Programmed at the Factory or
Through the GUI
n
By PMBus Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com