Electronic Components Datasheet Search
  English  ▼

X  

LTM4603 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM4603
Description  58V, 2A Step-Down 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4603 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM4603 Datasheet HTML 2Page - Linear Technology LTM4603 Datasheet HTML 3Page - Linear Technology LTM4603 Datasheet HTML 4Page - Linear Technology LTM4603 Datasheet HTML 5Page - Linear Technology LTM4603 Datasheet HTML 6Page - Linear Technology LTM4603 Datasheet HTML 7Page - Linear Technology LTM4603 Datasheet HTML 8Page - Linear Technology LTM4603 Datasheet HTML 9Page - Linear Technology LTM4603 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTM8050
6
8050fc
For more information www.linear.com/LTM8050
0
40
30
20
10
0
0.5
1.0
1.5
2.0
8050 G22
OUTPUT CURRENT (A)
24VIN
36VIN
48VIN
0
20
15
10
5
0
0.5
1.0
1.5
2.0
8050 G19
OUTPUT CURRENT (A)
12VIN
24VIN
36VIN
48VIN
0
30
20
10
0
0.5
1.0
1.5
2.0
8050 G20
OUTPUT CURRENT (A)
12VIN
24VIN
36VIN
48VIN
0
50
40
30
20
10
0
0.5
1.0
1.5
2.0
8050 G21
OUTPUT CURRENT (A)
12VIN
24VIN
36VIN
48VIN
0
40
35
30
25
20
15
10
5
0
5
10
25
20
15
8050 G25
VOUT (V)
3.00
4.00
3.75
3.50
3.25
0
0.5
1.0
1.5
2.0
8050 G26
OUTPUT CURRENT (A)
0
0.5
1.0
1.5
2.0
8050 G27
OUTPUT CURRENT (A)
3.5
4.2
4.1
4.0
3.9
3.8
3.7
3.6
0
50
40
30
20
10
0
0.5
1.0
1.5
8050 G23
OUTPUT CURRENT (A)
36VIN
48VIN
0
80
70
60
50
40
30
20
10
0
0.5
1.0
1.5
8050 G24
OUTPUT CURRENT (A)
36VIN
48VIN
Operating conditions are per Table 1 and
TA = 25°C, unless otherwise noted.
TYPICAL PERFORMANCE CHARACTERISTICS
BIAS Current vs Output Current
3.3VOUT BIAS = 5V
BIAS Current vs Output Current
5VOUT BIAS = 5V
BIAS Current vs Output Current
8VOUT BIAS = 5V
BIAS Current vs Output Current
12VOUT BIAS = 5V
BIAS Current vs Output Current
18VOUT BIAS = 5V
BIAS Current vs Output Current
24VOUT BIAS = 5V
Minimum VIN vs VOUT Maximum
Load, BIAS = 5V
Minimum VIN vs Output Current
1.8VOUT and Below, BIAS = 5V
Minimum VIN vs Output Current
2.5VOUT, BIAS = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com