Electronic Components Datasheet Search
  English  ▼

X  

LTM4603 Datasheet(PDF) 24 Page - Linear Technology

Part # LTM4603
Description  58V, 2A Step-Down 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4603 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTM4603 Datasheet HTML 16Page - Linear Technology LTM4603 Datasheet HTML 17Page - Linear Technology LTM4603 Datasheet HTML 18Page - Linear Technology LTM4603 Datasheet HTML 19Page - Linear Technology LTM4603 Datasheet HTML 20Page - Linear Technology LTM4603 Datasheet HTML 21Page - Linear Technology LTM4603 Datasheet HTML 22Page - Linear Technology LTM4603 Datasheet HTML 23Page - Linear Technology LTM4603 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTM8050
24
8050fc
For more information www.linear.com/LTM8050
LINEAR TECHNOLOGY CORPORATION 2013
LT 1016 REV C • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTM8050
PACKAGE PHOTO
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTM4601/LTM4603 12A and 6A DC/DC µModule
Pin Compatible; Remote Sensing; PLL, Tracking and Margining, 4.5V ≤ VIN ≤ 28V
LTM4604A
4A, Low VIN DC/DC µModule
2.375V ≤ VIN ≤ 5.5V, 0.8V ≤ VOUT ≤ 5V, 9mm × 15mm × 2.3mm LGA Package
LTM4606
Low EMI 6A, 28V DC/DC µModule 4.5V ≤ VIN ≤ 28V, 0.6V ≤ VOUT ≤ 5V, 15mm × 15mm × 2.8mm LGA Package
LTM8020
200mA, 36V DC/DC µModule
4V ≤ VIN ≤ 36V, 1.25V ≤ VOUT ≤ 5V, 6.25mm × 6.25mm × 2.32mm LGA Package
LTM8022/LTM8023 1A and 2A, 36V DC/DC µModule
Pin Compatible 3.6V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 10V, 11.25mm × 9mm × 2.82mm LGA Package
LTM8027
60V, 4A DC/DC µModule
4.5V ≤ VIN ≤ 60V; 2.5V ≤ VOUT ≤ 24V, 15mm × 15mm × 4.32mm LGA Package
DESIGN RESOURCES
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
TechClip Videos
Quick videos detailing how to bench test electrical and thermal performance of µModule products.
Digital Power System Management
Linear Technology’s family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com