Electronic Components Datasheet Search
  English  ▼

X  

LTM4603 Datasheet(PDF) 19 Page - Linear Technology

Part # LTM4603
Description  58V, 2A Step-Down 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4603 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTM4603 Datasheet HTML 15Page - Linear Technology LTM4603 Datasheet HTML 16Page - Linear Technology LTM4603 Datasheet HTML 17Page - Linear Technology LTM4603 Datasheet HTML 18Page - Linear Technology LTM4603 Datasheet HTML 19Page - Linear Technology LTM4603 Datasheet HTML 20Page - Linear Technology LTM4603 Datasheet HTML 21Page - Linear Technology LTM4603 Datasheet HTML 22Page - Linear Technology LTM4603 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LTM8050
19
8050fc
For more information www.linear.com/LTM8050
TYPICAL APPLICATIONS
1.8V Step-Down Converter
VIN
RUN/SS
SHARE
RT
FB
VOUT
GND
8050 TA02
LTM8050
VIN
3.6V TO 58V
VOUT
1.8V AT 2A
232k
f = 180kHz
383k
10µF
440µF
PGOOD
SYNC
AUX
BIAS
3.3V
2.5V Step-Down Converter
VIN
RUN/SS
SHARE
RT
FB
VOUT
GND
8050 TA03
LTM8050
VIN*
4.1V TO 58V
VOUT
2.5V AT 2A
174k
f = 230kHz
226k
4.7µF
PGOOD
SYNC
AUX
BIAS
3.3V
*RUNNING VOLTAGE RANGE. PLEASE REFER TO
APPLICATIONS INFORMATION SECTION FOR START-UP DETAILS
220µF
8V Step-Down Converter
VIN
RUN/SS
SHARE
RT
FB
VOUT
GND
8050 TA04
LTM8050
VIN*
11V TO 58V
VOUT
8V AT 2A
64.9k
f = 550kHz
54.9k
4.7µF
47µF
PGOOD
SYNC
AUX
BIAS
*RUNNING VOLTAGE RANGE. PLEASE REFER TO
APPLICATIONS INFORMATION SECTION FOR START-UP DETAILS
–5V Negative Output Converter
VIN
RUN/SS
SHARE
RT
FB
VOUT
GND
8050 TA05
LTM8050
VIN
VOUT
–5V
93.1k
f = 400kHz
93.1k
4.7µF
47µF
PGOOD
SYNC
AUX
BIAS
Minimum VIN vs Output Current
–5VOUT, BIAS = GND
8050 TA05b
0
25
15
10
20
5
0
0.5
1.0
1.5
2.0
OUTPUT CURRENT (A)
RUNNING
TO START, RUN CONTROL
TO START, RUN = VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com