Electronic Components Datasheet Search
  English  ▼

X  

LTM4603 Datasheet(PDF) 17 Page - Linear Technology

Part # LTM4603
Description  58V, 2A Step-Down 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4603 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTM4603 Datasheet HTML 13Page - Linear Technology LTM4603 Datasheet HTML 14Page - Linear Technology LTM4603 Datasheet HTML 15Page - Linear Technology LTM4603 Datasheet HTML 16Page - Linear Technology LTM4603 Datasheet HTML 17Page - Linear Technology LTM4603 Datasheet HTML 18Page - Linear Technology LTM4603 Datasheet HTML 19Page - Linear Technology LTM4603 Datasheet HTML 20Page - Linear Technology LTM4603 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LTM8050
17
8050fc
For more information www.linear.com/LTM8050
Figure 4. In Negative Output Voltage Applications, Prevent Adverse Effects from Fast Rising VIN by Adding Clamp and Rectifying Diodes
APPLICATIONS INFORMATION
Negative Output Considerations
The LTM8050 may be configured to generate a negative
output voltage. Examples of this are shown in the Typical
Applications section. For very fast rising input voltages,
care must be taken to ensure that start-up does not cre-
ate excessive surge currents that may create unwanted
voltages or even damage the LTM8050.
Consider the circuit in Figure 4. If a step input is applied
between VIN and system GND, the CIN and COUT capaci-
tors form an AC divider network that tends to create a
positive voltage on system VOUT. In order to protect the
load from seeing an excessive inverted voltage, an anti-
parallel Schottky diode may be used to clamp the voltage.
Furthermore, current flowing out of the BIAS pin can have
adverse affects. To prevent this from happening, apply a
series resistor (about 200Ω) and Schottky diode between
BIAS and its voltage source.
Thermal Considerations
The LTM8050 output current may need to be derated if
it is required to operate in a high ambient temperature or
deliver a large amount of continuous power. The amount
of current derating is dependent upon the input voltage,
output power and ambient temperature. The temperature
rise curves given in the Typical Performance Character-
istics section can be used as a guide. These curves were
generated by a LTM8050 mounted to a 40cm2 4-layer FR4
printed circuit board. Boards of other sizes and layer count
can exhibit different thermal behavior, so it is incumbent
upon the user to verify proper operation over the intended
system’sline,loadandenvironmentaloperatingconditions.
The thermal resistance numbers listed in Page 2 of the
data sheet are based on modeling the µModule package
mounted on a test board specified per JESD51-9 (Test
Boards for Area Array Surface Mount Package Thermal
Measurements). The thermal coefficients provided in this
page are based on JESD 51-12 (Guidelines for Reporting
and Using Electronic Package Thermal Information).
Forincreasedaccuracyandfidelitytotheactualapplication,
many designers use FEA to predict thermal performance.
To that end, Page 2 of the data sheet typically gives four
thermal coefficients:
θJA – Thermal resistance from junction to ambient
θJCbottom – Thermal resistance from junction to the
bottom of the product case
θJCtop – Thermal resistance from junction to top of the
product case
θJB – Thermal resistance from junction to the printed
circuit board
While the meaning of each of these coefficients may seem
to be intuitive, JEDEC has defined each to avoid confusion
and inconsistency. These definitions are given in JESD
51-12, and are quoted or paraphrased below:
θJA is the natural convection junction-to-ambient air
thermal resistance measured in a one cubic foot sealed
enclosure. This environment is sometimes referred to as
VIN
RUN/SS
SHARE
RT
ADJ
VOUT
GND
8050 F04
LTM8050
VIN
VOUT (NEGATIVE VOLTAGE)
ADD AN ANTI-PARALLEL
DIODE TO CLAMP POSITIVE
VOLTAGE SPIKE
ADD A SERIES RESISTOR AND
DIODE TO PREVENT CURRENT
FROM FLOWING OUT OF BIAS
INRUSH
CURRENT
CAN CAUSE
A POSITIVE
TRANSIENT
ON VOUT
CIN
COUT
PGOOD
SYNC
AUX
BIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com