Electronic Components Datasheet Search
  English  ▼

X  

LT8611 Datasheet(PDF) 14 Page - Linear Technology

Part # LT8611
Description  42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8611 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT8611 Datasheet HTML 10Page - Linear Technology LT8611 Datasheet HTML 11Page - Linear Technology LT8611 Datasheet HTML 12Page - Linear Technology LT8611 Datasheet HTML 13Page - Linear Technology LT8611 Datasheet HTML 14Page - Linear Technology LT8611 Datasheet HTML 15Page - Linear Technology LT8611 Datasheet HTML 16Page - Linear Technology LT8611 Datasheet HTML 17Page - Linear Technology LT8611 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
LT8603
14
8603f
For more information www.linear.com/LT8603
BLOCK DIAGRAM
8603 BD
2.4µA
1V
FB2
GATE4
ILIM2
+
–
ERROR
AMPLIFIER
BST1
BST2
RST
LOOP
COMPENSATION
LOGIC 4
+
1.08V
0.92V
–
+
TRKSS2
PG2
ISN4
DRIVER
GND
RUN3
ISP4
SW2
PVIN2
ILIM2
ILIM3
ILIM1
LOGIC 2
CLK4
CLK2
CLK1
CLK1
+
–
INTVCC
GND
DRIVER
DRIVER
DRIVER
CURRENT
SENSE
COMPARATOR
CURRENT
SENSE
COMPARATOR
REVERSE
CURRENT
COMPARATOR
CURRENT
SENSE
COMPARATOR
REVERSE
CURRENT
COMPARATOR
REVERSE
CURRENT
COMPARATOR
SLOPE4
CLK4
CLK2
CLK1
SS4
2.4µA
SS3
0.8V
1V
0.8V
FB4
FB1
SW3
PVIN3
TRKSS1
PG1
GND
SW1
PVIN1
GND
FB3
ILIM4
ITRIP
ILIM1
ILIM3
+
–
ERROR
AMPLIFIER
ERROR
AMPLIFIER
LOOP
COMPENSATION
+
0.736V
1.08V
0.92V
0.864V
0.736V
PG4
PG3
+
–+
+
–
+
–
+
–
+
–
+
–
CPOR
POREN
+
–+
LOOP
COMPENSATION
LOOP
COMPENSATION
BIAS
VIN
POWER-ON
RESET
FSEL4B
FSEL4A
BOOST DIVIDER
AND SLOPE GEN
SYNC
RT
OSCILLATOR
REFERENCE
STANDBY/BIAS
INTVCC4
REGULATOR
INTVCC
REGULATOR
EN/UVLO
LOGIC 3
LOGIC 1
+
–
+
–
+
–
+
–
1V
INTVCC
INTVCC4
INTVCC4
INTVCC4
3.4V
5V
0.8V
1.2V
+
–
CURRENT
COMPARATOR
ERROR
AMPLIFIER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com