Electronic Components Datasheet Search
  English  ▼

X  

LT8611 Datasheet(PDF) 19 Page - Linear Technology

Part # LT8611
Description  42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8611 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT8611 Datasheet HTML 15Page - Linear Technology LT8611 Datasheet HTML 16Page - Linear Technology LT8611 Datasheet HTML 17Page - Linear Technology LT8611 Datasheet HTML 18Page - Linear Technology LT8611 Datasheet HTML 19Page - Linear Technology LT8611 Datasheet HTML 20Page - Linear Technology LT8611 Datasheet HTML 21Page - Linear Technology LT8611 Datasheet HTML 22Page - Linear Technology LT8611 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
LT8603
19
8603f
For more information www.linear.com/LT8603
trip level is 50mV. ISP4 and ISN4 have an operational
common range of 2V to 42V and an absolute maximum
rating of ±42V. This allows reverse battery protection with
a single diode in series with external MOSFET drain.
The logic block turns on the external MOSFET on a CLK4
signal, and then turns it off on an ITRIP from the current
comparator, or when maximum duty cycle is reached.
The LT8603 has a frequency divider that allows the con-
troller switching frequency to be less than the oscilla-
tor frequency. The boost controller is specified for a fSW
between 250kHz and 2.2MHz; do not set the divider to
operate the boost controller below 250kHz. The FSEL4A
and FSEL4B pins control the oscillator frequency as
shown in Table 2.
Table 2. Boost Frequency Selection
BOOST FREQ fSW4
FSEL4A
FSEL4B
0 (Boost Shutdown)
Low
Low
fOSC/5
High
Low
fOSC/2
Low
High
fOSC
High
High
The boost controller is enabled by the FSEL4A and FSEL4B
pins. When both pins are low, the boost controller is shut
down. When either or both pins are set high, a boost
controller start-up sequence is initiated. During start-up,
the INTVCC4 regulator is turned on charging the external
INTVCC4 capacitor. Once INTVCC4 reaches 4V, the control-
ler logic is turned on and switching begins. A 1ms soft-
start ramp is applied to the error amplifier to minimize
inrush current.
The INTVCC4 regulator is a low dropout, linear regulator
that provides power to the GATE4 drive circuit. It is dedi-
cated to the boost controller and is shut down when the
boost controller is shut down. It can draw power from
either VIN or BIAS, depending on the BIAS voltage. When
BIAS is less that 4.6V, the regulator will draw power from
VIN and regulate to 4.6V. When BIAS is greater than 4.6V
but less than 5V, the regulator sets INTVCC4 equal to BIAS
and draws power from BIAS. When BIAS is greater than
5V, the regulator generates 5V and draws power from
BIAS. Do not use the INTVCC4 output for external circuitry.
A comparator senses when the output voltage is above
92% of the programmed value and generates a power
good signal at the PG4 pin.
Setting the Output Voltage
The boost controller’s output voltage is set by connecting
the FB4 pin to a resistor divider from the output as shown
in Figure 3.
APPLICATIONS INFORMATION
Figure 3. Feedback Resistor Divider
The value of R2 is best selected first as this establishes
how much current is in the string based on I = VFB4/R2
where VFB4 = 0.8V. The current should be chosen such
that it is not influenced by anticipated leakage or noise.
R1 can then be calculated from:
R1 = R2 • ((VOUT4/VFB4) – 1)
Boost Configuration
The LT8603 boost controller configured as a standard
boost regulator is shown in Figure 4. The boost control-
ler output voltage is set by connecting FB4 to an external
divider. For the following example, R2 and R3 are chosen
such that OUT4 = 8V. If the battery voltage (VBATT) is
above 8V plus a diode forward voltage, the boost control-
ler will be inactive consuming minimal quiescent current.
If the battery voltage drops below 8V plus a diode forward
voltage, such as during an automotive cold crank cycle,
the boost controller will become active to maintain 8V
at OUT4. With OUT4 connected to VIN, the input supply
must reach 4V plus the diode forward voltage to start.
8603 F03
FB4
VOUT4
R1
R2
LT8603



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com