Electronic Components Datasheet Search
  English  ▼

X  

LT8611 Datasheet(PDF) 24 Page - Linear Technology

Part # LT8611
Description  42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8611 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT8611 Datasheet HTML 20Page - Linear Technology LT8611 Datasheet HTML 21Page - Linear Technology LT8611 Datasheet HTML 22Page - Linear Technology LT8611 Datasheet HTML 23Page - Linear Technology LT8611 Datasheet HTML 24Page - Linear Technology LT8611 Datasheet HTML 25Page - Linear Technology LT8611 Datasheet HTML 26Page - Linear Technology LT8611 Datasheet HTML 27Page - Linear Technology LT8611 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
LT8603
24
8603f
For more information www.linear.com/LT8603
APPLICATIONS INFORMATION
The lower of these frequencies is the maximum switching
frequency for the SEPIC converter.
SEPIC: Inductor and RSENSE Selection
Choosing the inductor ripple current, ∆IL, has a direct
impact on the choice of the inductor value and the con-
verter’s maximum output current capability. Choosing
smaller values of ∆IL increases the converter’s output
current capability but requires larger inductors. Choosing
larger values of ∆IL provides faster transient response and
allows the use of smaller inductors but results in higher
input current ripple, greater core losses, and lower output
current capability. In addition, larger values of ∆IL at high
duty cycle may result in sub-harmonic oscillation.
Given an operating input voltage range and operating fre-
quency, the inductor value is given by:
L =
VBATT(MIN) • DMAX
∆IL • fSW
where,
∆IL =
χ • IOUT(MAX) • DMAX
1– DMAX
χ in the above equation represents the percentage peak-
to-peak ripple current in the inductor relative to the maxi-
mum average inductor current. The typical range of χ is
20% to 40% though careful evaluation of system stability
should be made to ensure adequate design margin.
For coupled inductors, L1 = L2 and the effective induc-
tance is doubled due to the mutual inductance. The value
of each equal winding is given by:
L1 = L2 =
VBATT(MIN) • DMAX
2 • ∆IL • fSW
The maximum input current of the SEPIC converter is cal-
culated at the minimum input voltage and full load current.
The peak inductor current can be significantly higher than
the output current. The following equations assume CCM
operation and calculate the maximum peak inductor cur-
rent at minimum VBATT:
Figures 7. SEPIC Topology and Current Flow
+
+
•
•
•
•
SW
L2
COUT
RL
VOUT
C1
D1
L1
L2
L1
L2
L1
7a. SEPIC Topology
+
+
•
RL
VOUT
D1
7c. Current Flow During Switch Off-Time
+
+
•
RL
VOUT
VIN
VIN
7b. Current Flow During Switch On-Time
8603 F07
VBATT
VBATT
VBATT
SEPIC: Duty Cycle and Frequency
With the SEPIC configuration operating in continuous
conduction mode (CCM), the duty cycle is given by:
D =
VOUT + VD
VBATT + VOUT + VD


The maximum switching frequency of the SEPIC con-
verter is limited by both maximum and minimum duty
cycles. The maximum duty cycle is set by VBATT(MIN). The
maximum switching frequency, fSW(MAX) at VBATT(MIN) is
given by:
fSW(MAX)@VBATT(MIN) = 1 –
VOUT + VD
VBATT(MIN) + VOUT + VD
tOFF(MIN)
The minimum duty cycle is set by VBATT(MAX). The maxi-
mum switching frequency at VBATT(MAX) is given by:
fSW(MAX)@VBATT(MAX) =
VOUT + VD
VBATT(MAX) + VOUT + VD
tON(MIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com