Electronic Components Datasheet Search
  English  ▼

X  

LT8611 Datasheet(PDF) 22 Page - Linear Technology

Part # LT8611
Description  42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8611 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT8611 Datasheet HTML 18Page - Linear Technology LT8611 Datasheet HTML 19Page - Linear Technology LT8611 Datasheet HTML 20Page - Linear Technology LT8611 Datasheet HTML 21Page - Linear Technology LT8611 Datasheet HTML 22Page - Linear Technology LT8611 Datasheet HTML 23Page - Linear Technology LT8611 Datasheet HTML 24Page - Linear Technology LT8611 Datasheet HTML 25Page - Linear Technology LT8611 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
LT8603
22
8603f
For more information www.linear.com/LT8603
APPLICATIONS INFORMATION
The power dissipated by the diode is given by:
PD =IOUT MAX
(
) • VD
Therefore, a rectifier diode should be chosen with a low
forward voltage drop at peak current for best efficiency
and a reverse breakdown voltage greater than VOUT4(MAX).
If the reverse protection diode (SD2) is needed, the
reverse breakdown voltage must be greater than the
desired reverse polarity protection.
Boost: Output Capacitor
The output capacitor has two essential functions. First, the
output capacitor filters the LT8603’s discontinuous output
current to produce the DC output current. In this role, the
capacitor determines the output ripple, thus low imped-
ance at the switching frequency is important. Second, the
output capacitor stores energy in order to satisfy transient
load conditions and stabilize the LT8603’s control loop.
Typically, the low equivalent series resistance of X5R and
X7R ceramic capacitors provide low output ripple and
good transient response.
For some applications, transient performance can be
improved with higher output capacitance and/or the
addition of a feedforward capacitor placed between the
boost output voltage and the boost feedback pin. Note that
larger output capacitance may be required when lower
switching frequencies are used or when there is signifi-
cant inductance to the load due to long wire or cables.
Increasing the output capacitance will also decrease the
output ripple.
When choosing a capacitor, special attention should be
given to the capacitor’s data sheet to understand the
effective capacitance under the relevant operating condi-
tions of voltage bias and temperature. For good starting
values, refer to the Typical Applications section. For all
applications, careful evaluation of system stability should
be made to ensure adequate design margin.
Boost: Input Capacitor
The input capacitor is in series with the inductor so the
input current waveform is continuous and the di/dt is
limited.
An input capacitor should be chosen to handle the RMS
input capacitor ripple current as given by:
IRMS CIN
(
) = 0.6 • χ • IOUTMAX
Figure 5. Switching Waveforms for a Boost Converter
VBATT
L
D
SW
5a. Circuit Diagram
5b. Inductor and Input Currents
COUT
VOUT
RL
IIN
IL
5c. Switch Current
ISW
tON
5d. Diode and Output Currents
5e. Output Voltage Ripple Waveform
IO
ID
tOFF
8603 F05
VOUT
(AC)
ΔVESR
RINGING DUE TO
TOTAL INDUCTANCE
(BOARD + CAP)
ΔVCOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com