Electronic Components Datasheet Search
  English  ▼

X  

LTM4630 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4630
Description  Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4630 Datasheet(HTML) 1 Page - Linear Technology

  LTM4630 Datasheet HTML 1Page - Linear Technology LTM4630 Datasheet HTML 2Page - Linear Technology LTM4630 Datasheet HTML 3Page - Linear Technology LTM4630 Datasheet HTML 4Page - Linear Technology LTM4630 Datasheet HTML 5Page - Linear Technology LTM4630 Datasheet HTML 6Page - Linear Technology LTM4630 Datasheet HTML 7Page - Linear Technology LTM4630 Datasheet HTML 8Page - Linear Technology LTM4630 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
LTC3774
1
3774fc
For more information www.linear.com/LTC3774
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Dual, Multiphase Current
Mode Synchronous Controller
for Sub-Milliohm DCR Sensing
The LTC®3774 is a dual PolyPhase® current mode syn-
chronous step-down switching regulator controller that
drives power blocks, DRMOS or external gate drivers and
power MOSFETs. It offers an LTC-proprietary technique
that enhances the signal-to-noise ratio of the current
sense signal, allowing the use of inductors with very low
DC winding resistances as the current sense element for
maximum efficiency and reduced jitter.
The maximum current sense voltage is programmable
from 10mV to 30mV. High speed, low offset remote sense
differential amplifiers and a precise 0.6V reference provide
accurateoutputvoltagesbetween0.6Vand3.5Vfromawide
4.5V to 38V input supply range. Soft recovery from output
shorts or overcurrent minimizes output overshoot. Burst
Mode® operation, continuous and pulse-skipping modes
are supported. The constant operating frequency can be
synchronized to an external clock or linearly programmed
from200kHzto1.2MHz.UptosixLTC3774controllerscan
be paralleled for 1-, 2-, 3-, 4-, 6-, 8- or 12-phase operation.
The LTC3774 is available in a 36-lead (5mm × 6mm) QFN
package.
High Efficiency Dual Phase 1.5V/60A Step-Down Converter
APPLICATIONS
n
Sub-Milliohm DCR Current Sensing
n
Operates with Power Blocks, DRMOS or External
Gate Drivers and MOSFETs
n
Supports Phase Shedding and N+1 Phase
Redundancy
n
Programmable DCR Temperature Compensation
n
±0.75% Maximum Total DC Output Error Over
Temperature
n
Dual Differential Remote Output Voltage Sense
Amplifiers
n
Phase-Lockable Fixed Frequency Range: 200kHz to
1.2MHz
n
VIN Range: 4.5V to 38V
n
VOUT Range: 0.6V to 3.5V
n
Supports Smooth Start-Up into Pre-Biased Outputs
n
Programmable Soft-Start or VOUT Tracking
n
Hiccup Mode/Soft Recovery from Output Overcurrent
n
36-Lead (5mm × 6mm) QFN Package
n
Computer Systems
n
Telecom and Datacom Systems
n
Industrial Equipment
n
DC Power Distribution Systems
L
, LT, LTC, LTM, Linear Technology, the Linear logo, PolyPhase and Burst Mode are registered
trademarks and No RSENSE and Hot Swap are trademarks of Analog Devices, Inc. All other
trademarks are the property of their respective owners. Protected by U.S. Patents, including
5481178, 5705919, 5929620, 6177787, 6580258, 6498466, 6611131, patent pending.
3774 TA01a
VIN
4.5V TO 20V
RUN1, 2
ILIM1, 2
HIZB1
HIZB2
PWM1
PWMEN1
VOSNS1–
SNSA1+
SNS1–
SNSD1+
VOSNS1+
ITH1
PHSMD
CLKOUT
PGOOD1,2
MODE/PLLIN
PWM2
PWMEN2
GND
VOSNS2–
SNSA2+
SNS2–
SNSD2+
FREQ
VOSNS2+
ITH2
LTC3774
VIN
1/4 INTVCC
TK/SS2
TK/SS1
INTVCC
37.5k
15k
DRMOS
DRMOS
fIN
500kHz
0.33µH
(0.32mΩ DCR)
0.33µH
(0.32mΩ DCR)
10k
300µF
4V
330µF
4V
15k
0.1µF
4.7µF
2200pF
+
+
VOUT
1.5V
60A
22µF
50V


Similar Part No. - LTM4630

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4630 LINER-LTM4630 Datasheet
643Kb / 34P
Dual 18A or Single 36A DC/DC 關Module Regulator
LTM4630 LINER-LTM4630 Datasheet
1Mb / 28P
Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
LTM4630 LINER-LTM4630 Datasheet
519Kb / 32P
Triple 10A Step-DownDC/DC 關Module Regulator
LTM4630 LINER-LTM4630 Datasheet
746Kb / 32P
Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
LTM4630 LINER-LTM4630 Datasheet
1Mb / 36P
40A DC/DC 關Module Regulator
More results

Similar Description - LTM4630

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27402 NSC-LM27402 Datasheet
670Kb / 32P
High Performance Synchronous Buck Controller with DCR Current Sensing
logo
Linear Technology
LTC3866 LINER-LTC3866 Datasheet
465Kb / 36P
Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
LTC3874 LINER-LTC3874_15 Datasheet
542Kb / 28P
PolyPhase Step-Down Synchronous Slave Controller with Sub-Milliohm DCR Sensing
LTC3866 LINER-LTC3866_15 Datasheet
527Kb / 36P
Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
LTC3774 LINER-LTC3774_15 Datasheet
408Kb / 38P
Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
LTC3875 LINER-LTC3875_15 Datasheet
606Kb / 44P
Dual, 2-Phase, Synchronous Controller with Low Value DCR Sensing and Temperature Compensation
logo
Texas Instruments
LM27402 TI-LM27402_15 Datasheet
2Mb / 48P
LM27402 High-Performance Synchronous Buck Controller With DCR Current Sensing
logo
Linear Technology
LTC3874-1 LINER-LTC3874-1 Datasheet
1,006Kb / 22P
PolyPhase Step-Down Synchronous Slave Controller with Sub-Milliohm DCR Sensing
LTC3875 LINER-LTC3875 Datasheet
979Kb / 46P
Dual, 2-Phase, Synchronous Controller with Low Value DCR Sensing and Temperature Compensation
LTC3884 LINER-LTC3884 Datasheet
3Mb / 128P
Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com