Electronic Components Datasheet Search
  English  ▼

X  

LTM4630 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM4630
Description  Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4630 Datasheet(HTML) 4 Page - Linear Technology

  LTM4630 Datasheet HTML 1Page - Linear Technology LTM4630 Datasheet HTML 2Page - Linear Technology LTM4630 Datasheet HTML 3Page - Linear Technology LTM4630 Datasheet HTML 4Page - Linear Technology LTM4630 Datasheet HTML 5Page - Linear Technology LTM4630 Datasheet HTML 6Page - Linear Technology LTM4630 Datasheet HTML 7Page - Linear Technology LTM4630 Datasheet HTML 8Page - Linear Technology LTM4630 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
LTC3774
4
3774fc
For more information www.linear.com/LTC3774
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 15V, VRUN = 5V unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VPG(HYST)
PGOOD Trip Level Hysteresis
2
%
INTVCC Linear Regulator
VINTVCC
Linear Regulator Voltage
6V < VIN < 38V
5.3
5.5
5.7
V
VLDO INT
INTVCC Load Regulation
ICC = 0mA to 20mA
0.5
2
%
Oscillator and Phase-Locked Loop
fOSC
Oscillator Frequency
VPHSMD = 0V
RFREQ < 23.2kΩ
RFREQ = 30.1kΩ
RFREQ = 47.5kΩ
RFREQ = 54.9kΩ
RFREQ = 75.0kΩ
Maximum Frequency
Minimum Frequency
l
l
540
1.2
150
250
600
750
1.05
660
0.2
kHz
kHz
kHz
kHz
MHz
MHz
MHz
IFREQ
FREQ Pin Output Current
VFREQ = 0.8V
19
20
21
µA
RMODE/PLLIN
MODE/PLLIN Input Resistance
250
kΩ
VMODE/PLLIN
PLLIN Input Threshold
VMODE/PLLIN Rising
VMODE/PLLIN Falling
2
1.2
V
V
VCLKOUT
Low Output Voltage
High Output Voltage
ILOAD = –500µA
ILOAD = 500µA
0.2
5.2
V
V
θ2 – θ1
Channel 1-2 Phase Delay
VPHSMD = 0V
VPHSMD = 1/4 INTVCC
VPHSMD = Float
VPHSMD = 3/4 INTVCC
VPHSMD = INTVCC
180
180
180
180
120
Deg
Deg
Deg
Deg
Deg
θCLKOUT – θ1
CLKOUT to Channel 1
Phase Delay
VPHSMD = 0V
VPHSMD = 1/4 INTVCC
VPHSMD = Float
VPHSMD = 3/4 INTVCC
VPHSMD = INTVCC
60
60
90
45
240
Deg
Deg
Deg
Deg
Deg
θ1 – θCLKIN
Channel 1 to CLKIN Phase Delay
VPHSMD = 0V
VPHSMD = 1/4 INTVCC
VPHSMD = Float
VPHSMD = 3/4 INTVCC
VPHSMD = INTVCC
0
90
0
0
0
Deg
Deg
Deg
Deg
Deg
PWM/PWMEN Outputs
PWM
PWM Output High Voltage
ILOAD = 500µA
l
5.0
V
PWM Output Low Voltage
ILOAD = –500µA
l
0.5
V
PWM Output Current in Hi-Z State
l
–5
5
µA
PWMEN
PWMEN Output High Voltage
ILOAD = 500µA
l
5.0
V
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3774 is tested under pulsed load conditions such that
TJ ≈ TA. The LTC3774E is guaranteed to meet performance specifications
from 0°C to 85°C operating junction temperature. Specifications over
the –40°C to 125°C operating junction temperature range are assured by
design, characterization and correlation with statistical process controls.
The LTC3774I is guaranteed to meet performance specifications over the
full –40°C to 125°C operating junction temperature range. The maximum
ambient temperature consistent with these specifications is determined by
specific operating conditions in conjunction with board layout, the package
thermal impedance and other environmental factors.
TJ is calculated from the ambient temperature, TA, and power dissipation,
PD, according to the following formula:
LTC3774UHE: TJ = TA + (PD • 43°C/W)
Note 3: The LTC3774 is tested in a feedback loop that servos VITH to a
specified voltage and measures the resultant VFB.
Note 4: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Applications Information.
Note 5: Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com