Electronic Components Datasheet Search
  English  ▼

X  

LTM4630 Datasheet(PDF) 22 Page - Linear Technology

Part # LTM4630
Description  Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4630 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTM4630 Datasheet HTML 18Page - Linear Technology LTM4630 Datasheet HTML 19Page - Linear Technology LTM4630 Datasheet HTML 20Page - Linear Technology LTM4630 Datasheet HTML 21Page - Linear Technology LTM4630 Datasheet HTML 22Page - Linear Technology LTM4630 Datasheet HTML 23Page - Linear Technology LTM4630 Datasheet HTML 24Page - Linear Technology LTM4630 Datasheet HTML 25Page - Linear Technology LTM4630 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
LTC3774
22
3774fc
For more information www.linear.com/LTC3774
APPLICATIONS INFORMATION
The initial slope is the effect of the gate-to-source and
the gate-to-drain capacitance. The flat portion of the
curve is the result of the Miller multiplication effect of the
drain-to-gate capacitance as the drain drops the voltage
across the current source load. The upper sloping line is
due to the drain-to-gate accumulation capacitance and
the gate-to-source capacitance. The Miller charge (the
increase in coulombs on the horizontal axis from a to b
while the curve is flat) is specified for a given VDS drain
voltage, but can be adjusted for different VDS voltages by
multiplying the ratio of the application VDS to the curve
specified VDS values. A way to estimate the CMILLER term
is to take the change in gate charge from points a and b
on a manufacturer’s data sheet and divide by the stated
VDS voltage specified. CMILLER is the most important se-
lection criteria for determining the transition loss term in
the top MOSFET but is not directly specified on MOSFET
data sheets. CRSS and COS are specified sometimes but
definitions of these parameters are not included. When the
controller is operating in continuous mode the duty cycles
for the top and bottom MOSFETs are given by:
Main SwitchDuty Cycle =
VOUT
VIN
Synchronous SwitchDuty Cycle =
VIN – VOUT
VIN
⎛
⎝
⎜
⎞
⎠
⎟
The power dissipation for the main and synchronous
MOSFETs at maximum output current are given by:
PMAIN =
VOUT
VIN
IMAX
( )
2 1+δ
(
)RDS(ON) +
VIN
( )
2 IMAX
2
⎛
⎝
⎜
⎞
⎠
⎟ RDR
(
) CMILLER
(
) •
1
VINTVCC – VTH(MIN)
+
1
VTH(MIN)
⎡
⎣
⎢
⎢
⎤
⎦
⎥
⎥
• f
PSYNC =
VIN – VOUT
VIN
IMAX
( )
2 1+δ
(
)RDS(ON)
where δ is the temperature dependency of RDS(ON), RDR
is the effective top driver resistance (approximately 2Ω at
VGS = VMILLER), VIN is the drain potential and the change
in drain potential in the particular application. VTH(MIN)
is the data sheet specified typical gate threshold voltage
specified in the power MOSFET data sheet at the specified
drain current. CMILLER is the calculated capacitance using
the gate charge curve from the MOSFET data sheet and
the technique described above.
BothMOSFETshaveI2RlosseswhilethetopsideN-channel
equation includes an additional term for transition losses,
which peak at the highest input voltage. For VIN < 20V,
the high current efficiency generally improves with larger
MOSFETs, while for VIN>20V,thetransitionlossesrapidly
increase to the point that the use of a higher RDS(ON)device
withlowerCMILLERactuallyprovideshigherefficiency.The
synchronous MOSFET losses are greatest at high input
voltage when the top switch duty factor is low or during
a short-circuit when the synchronous switch is on close
to 100% of the period.
The term (1 + δ ) is generally given for a MOSFET in the
form of a normalized RDS(ON) vs temperature curve, but
δ = 0.005/°C can be used as an approximation for low
voltage MOSFETs.
An optional Schottky diode across the synchronous
MOSFET conducts during the dead time between the con-
ductionofthetwolargepowerMOSFETs.Thispreventsthe
bodydiodeofthebottomMOSFETfromturningon,storing
chargeduringthedeadtimeandrequiringareverse-recovery
period which could cost as much as several percent in effi-
ciency.A2Ato8ASchottkyisgenerallyagoodcompromise
for both regions of operation due to the relatively small
averagecurrent.Largerdiodesresultinadditionaltransition
loss due to their larger junction capacitance.
MOSFET Driver Selection
GatedriverICs,DrMOSsandpowerblockswithaninterface
compatible with the LTC3774's three-state PWM outputs
or the LTC3774's PWM/PWMEN outputs can be used.
Always enable the power stage first, before the LTC3774
is enabled.
CIN and COUT Selection
Incontinuousmode,thesourcecurrentofthetopMOSFET
is a square wave of duty cycle (VOUT)/(VIN). To prevent
large voltage transients, a low ESR capacitor sized for the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com