Electronic Components Datasheet Search
  English  ▼

X  

LTM4630 Datasheet(PDF) 36 Page - Linear Technology

Part # LTM4630
Description  Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4630 Datasheet(HTML) 36 Page - Linear Technology

Back Button LTM4630 Datasheet HTML 30Page - Linear Technology LTM4630 Datasheet HTML 31Page - Linear Technology LTM4630 Datasheet HTML 32Page - Linear Technology LTM4630 Datasheet HTML 33Page - Linear Technology LTM4630 Datasheet HTML 34Page - Linear Technology LTM4630 Datasheet HTML 35Page - Linear Technology LTM4630 Datasheet HTML 36Page - Linear Technology LTM4630 Datasheet HTML 37Page - Linear Technology LTM4630 Datasheet HTML 38Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
LTC3774
36
3774fc
For more information www.linear.com/LTC3774
PACKAGE DESCRIPTION
UHE Package
36-Lead Plastic QFN (5mm × 6mm)
(Reference LTC DWG # 05-08-1876 Rev Ø)
5.00 ±0.10
NOTE:
1. DRAWING IS NOT A JEDEC PACKAGE OUTLINE
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
PIN 1
TOP MARK
(SEE NOTE 6)
1
10
20
28
11
19
36
29
BOTTOM VIEW—EXPOSED PAD
4.50 REF
6.00 ±0.10
R = 0.125
TYP
0.25 ±0.05
4.60 ±0.10
3.60
±0.10
(UHE36) QFN 0410 REV Ø
0.50 BSC
4.60 ±0.05
3.60 ±0.05
0.75 ±0.05
0.00 – 0.05
0.200 REF
RECOMMENDED SOLDER PAD LAYOUT
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
3.50 REF
0.40 ±0.10
0.70 ±0.05
0.50 BSC
4.50 REF
3.50 REF
4.10 ±0.05
5.50 ±0.05
5.10 ±0.05
6.50 ±0.05
0.25 ±0.05
PACKAGE
OUTLINE
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.20mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
PIN 1 NOTCH
R = 0.30 TYP
OR 0.35 × 45°
CHAMFER
R = 0.10
TYP
Please refer to http://www.linear.com/product/LTC3774#packaging for the most recent package drawings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com