Electronic Components Datasheet Search
  English  ▼

X  

LTC1735 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1735
Description  Dual, 550kHz, 2-Phase Synchronous Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1735 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1735 Datasheet HTML 10Page - Linear Technology LTC1735 Datasheet HTML 11Page - Linear Technology LTC1735 Datasheet HTML 12Page - Linear Technology LTC1735 Datasheet HTML 13Page - Linear Technology LTC1735 Datasheet HTML 14Page - Linear Technology LTC1735 Datasheet HTML 15Page - Linear Technology LTC1735 Datasheet HTML 16Page - Linear Technology LTC1735 Datasheet HTML 17Page - Linear Technology LTC1735 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LTC3728L-1
14
3728l1fc
APPLICATIONS INFORMATION
25% of the current limit determined by RSENSE. Lower
inductor values (higher ΔIL) will cause this to occur at
lower load currents, which can cause a dip in efficiency in
the upper range of low current operation. In Burst Mode
operation, lower inductance values will cause the burst
frequency to decrease.
Inductor Core Selection
Usually, high inductance is preferred for small current
ripple and low core loss. Unfortunately, increased induc-
tance requires more turns of wire or a smaller air gap in
the inductor core, resulting in high copper loss or low
saturation current. Once the value of L is known, the actual
inductor must be selected. There are two popular types
of core material of commercial available inductors. Ferrite
core inductors usually have very low core loss and are
preferred at high switching frequencies, so design goals
can concentrate on copper loss and preventing satura-
tion. However, ferrite core saturates “hard”, which means
that inductance collapses abruptly when the peak design
current is exceeded. This results in an abrupt increase in
inductor ripple current and consequent output voltage
ripple. One advantage of the LTC3728L-1 is its current
mode control that detects and limits cycle-by-cycle peak
inductor current. Therefore, accurate and fast protection
is achieved if the inductor is saturated in steady state or
during transient mode.
Powdered iron core inductors usually saturate “soft”, which
means the inductance drops in a linear fashion when the
current increases. However, the core loss of the powder
iron inductor is usually higher than the ferrite inductor.
So designs with high switching frequency should also
address inductor core loss.
Inductor manufacturers usually provide inductance, DCR,
(peak) saturation current and (DC) heating current ratings
in the inductor data sheet. A good supply design should
not exceed the saturation and heating current rating of
the inductor.
Power MOSFET and D1 Selection
Two external power MOSFETs must be selected for each
controller in the LTC3728L-1: One N-channel MOSFET for
the top (main) switch, and one N-channel MOSFET for the
bottom (synchronous) switch.
The peak-to-peak drive levels are set by the INTVCC
voltage. This voltage is typically 5V during start-up
(see EXTVCC Pin Connection). Consequently, logic-level
threshold MOSFETs must be used in most applications.
The only exception is if low input voltage is expected (VIN
< 5V); then, sub-logic level threshold MOSFETs (VGS(TH)
< 3V) should be used. Pay close attention to the BVDSS
specification for the MOSFETs as well; most of the logic
level MOSFETs are limited to 30V or less.
Selection criteria for the power MOSFETs include the “ON”
resistance RDS(ON), Miller capacitance CMILLER, input
voltage and maximum output current. Miller capacitance,
CMILLER, can be approximated from the gate charge curve
usually provided on the MOSFET manufacturers’ data
sheet. CMILLER is equal to the increase in gate charge
along the horizontal axis while the curve is approximately
flat divided by the specified change in VDS. This result is
then multiplied by the ratio of the application applied VDS
to the Gate charge curve specified VDS. When the IC is
operating in continuous mode the duty cycles for the top
and bottom MOSFETs are given by:
Main Switch Duty Cycle
=
VOUT
VIN
Synchronous Switch Duty Cycle
=
VIN –VOUT
VIN
The MOSFET power dissipations at maximum output
current are given by:
PMAIN =
VOUT
VIN
IMAX
()2 1+
()R
DS(ON) +
VIN
()2 IMAX
2
RDR
() C
MILLER
()•
1
VINTVCC –VTHMIN
+
1
VTHMIN
f
()
PSYNC =
VIN –VOUT
VIN
IMAX
()2 1+
()R
DS(ON)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com