Electronic Components Datasheet Search
  English  ▼

X  

LTC1735 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC1735
Description  Dual, 550kHz, 2-Phase Synchronous Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1735 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC1735 Datasheet HTML 22Page - Linear Technology LTC1735 Datasheet HTML 23Page - Linear Technology LTC1735 Datasheet HTML 24Page - Linear Technology LTC1735 Datasheet HTML 25Page - Linear Technology LTC1735 Datasheet HTML 26Page - Linear Technology LTC1735 Datasheet HTML 27Page - Linear Technology LTC1735 Datasheet HTML 28Page - Linear Technology LTC1735 Datasheet HTML 29Page - Linear Technology LTC1735 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
LTC3728L-1
26
3728l1fc
APPLICATIONS INFORMATION
maximum input voltage. The output voltage ripple due to
ESR is approximately:
VORIPPLE = RESR (ΔIL) = 0.02Ω(1.67A) = 33mVP–P
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of
the IC. These items are also illustrated graphically in the
layout diagram of Figure 10. The Figure 11 illustrates the
current waveforms present in the various branches of the
2-phase synchronous regulators operating in the continu-
ous mode. Check the following in your layout:
1. Are the top N-channel MOSFETs M1 and M3 located
within 1cm of each other with a common drain connection
at CIN? Do not attempt to split the input decoupling for
the two channels as it can cause a large resonant loop.
2. Are the signal and power grounds kept separate? The
combined IC signal ground pin and the ground return of
CINTVCC must return to the combined COUT (–) terminals.
The path formed by the top N-channel MOSFET, Schottky
diode and the CIN capacitor should have short leads and
PC trace lengths. The output capacitor (–) terminals should
be connected as close as possible to the (–) terminals
of the input capacitor by placing the capacitors next to
each other and away from the Schottky loop described
above.
3. Do the LTC3728L-1 VOSENSE pins’ resistive dividers con-
nect to the (+) terminals of COUT? The resistive divider must
Figure 10. LTC3728L-1 Recommended Printed Circuit Layout Diagram
CB2
CB1
RPU
PGOOD
VPULL-UP
(<7V)
CINTVCC
CIN
D1
1μF
CERAMIC
M1
M2
M3
M4
D2
CVIN
VIN
RIN
INTVCC
3.3V
R4
R3
R2
R1
RUN/SS1
SENSE1+
SENSE1–
VOSENSE1
PLLFLTR
PLLIN
FCB
ITH1
SGND
3.3VOUT
ITH2
VOSENSE2
SENSE2–
SENSE2+
PGOOD
TG1
SW1
BOOST1
VIN
BG1
EXTVCC
INTVCC
PGND
BG2
BOOST2
SW2
TG2
RUN/SS2
LTC3728L-1
L1
L2
COUT1
VOUT1
GND
VOUT2
3728L1 F10
COUT2
RSENSE
RSENSE
fIN
1μF
CERAMIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com