Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC7813
Description  Low IQ, 60V, High Frequency Synchronous Step-Down Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7813 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC7813 Datasheet HTML 4Page - Linear Technology LTC7813 Datasheet HTML 5Page - Linear Technology LTC7813 Datasheet HTML 6Page - Linear Technology LTC7813 Datasheet HTML 7Page - Linear Technology LTC7813 Datasheet HTML 8Page - Linear Technology LTC7813 Datasheet HTML 9Page - Linear Technology LTC7813 Datasheet HTML 10Page - Linear Technology LTC7813 Datasheet HTML 11Page - Linear Technology LTC7813 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTC7800
8
7800f
For more information www.linear.com/LTC7800
PIN FUNCTIONS
PLLIN/MODE (Pin 1): External Synchronization Input to
Phase Detector and Forced Continuous Mode Input. When
an external clock is applied to this pin, the phase-locked
loop will force the rising TG signal to be synchronized with
the rising edge of the external clock, and the regulator
operates in forced continuous mode. When not synchro-
nizing to an external clock, this input determines how the
LTC7800 operates at light loads. Pulling this pin to ground
selects Burst Mode operation. An internal 100k resistor to
ground also invokes Burst Mode operation when the pin is
floated.TyingthispintoINTVCCforcescontinuousinductor
current operation. Tying this pin to a voltage greater than
1.2V and less than INTVCC –1.3V selects pulse-skipping
operation. This can be done by connecting a 100k resistor
from this pin to INTVCC.
SGND (Pins 2, 3, Exposed Pad Pin 21): Small-signal
ground, must be routed separately from high current
grounds to the common (–) terminals of the CIN capacitor.
Pins 2, 3, Exposed Pad Pin 21, must both be electrically
connected to small signal ground for proper operation.
The exposed pad must be soldered to PCB ground for
rated thermal performance.
RUN (Pin 4): Digital Run Control Input. Forcing this pin
below 1.16V shuts down the controller. Forcing this pin
below 0.7V shuts down the entire LTC7800, reducing
quiescent current to approximately 14µA.
SENSE– (Pin 5): The (–) Input to the Differential Current
Comparator.WhengreaterthanINTVCC–0.5V,theSENSE–
pin supplies power to the current comparator.
SENSE+ (Pin 6): The (+) input to the differential current
comparator is normally connected to DCR sensing net-
work or current sensing resistor. The ITH pin voltage and
controlled offsets between the SENSE– and SENSE+ pins
in conjunction with RSENSE set the current trip threshold.
VFB (Pin 7): Receives the remotely sensed feedback volt-
age from an external resistive divider across the output.
ITH(Pin8):ErrorAmplifierOutputsandSwitchingRegula-
torCompensationPoint.Thecurrentcomparatortrippoint
increases with this control voltage.
INPUT VOLTAGE (V)
7800 G25
FREQ = GND
5
15
25
35
45
55
65
935
936
937
938
939
941
942
943
944
945
TEMPERATURE (°C)
–75
3.7
3.8
3.9
4.1
–25
75 100
7800 G26
3.6
4.2
4.0
–50
0 25 50
125 150
FALLING
RISING
TEMPERATURE (°C)
8
12
14
22
20
25 50 75 100 125 150
–25
–75 –50
0
7800 G27
10
16
18
VIN = 12V
Oscillator Frequency vs Input
Voltage
Undervoltage Lockout Threshold
vs Temperature
Shutdown Current vs Temperature
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com