Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC7813
Description  Low IQ, 60V, High Frequency Synchronous Step-Down Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7813 Datasheet(HTML) 1 Page - Linear Technology

  LTC7813 Datasheet HTML 1Page - Linear Technology LTC7813 Datasheet HTML 2Page - Linear Technology LTC7813 Datasheet HTML 3Page - Linear Technology LTC7813 Datasheet HTML 4Page - Linear Technology LTC7813 Datasheet HTML 5Page - Linear Technology LTC7813 Datasheet HTML 6Page - Linear Technology LTC7813 Datasheet HTML 7Page - Linear Technology LTC7813 Datasheet HTML 8Page - Linear Technology LTC7813 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTC7800
1
7800f
For more information www.linear.com/LTC7800
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Low IQ, 60V, High
Frequency Synchronous
Step-Down Controller
The LTC®7800 is a high performance step-down switching
regulator DC/DC controller that drives an all N-channel
synchronous power MOSFET stage. A constant fre-
quencycurrentmodearchitectureallowsaphase-lockable
frequency of up to 2.25MHz.
The50μAno-loadquiescentcurrentextendsoperatingrun
timeinbattery-poweredsystems.OPTI-LOOP®compensa-
tion allows the transient response to be optimized over
a wide range of output capacitance and ESR values. The
LTC7800 features a precision 0.8V reference and power
good output indicator. A wide 4V to 60V input supply
range encompasses a wide range of intermediate bus
voltages and battery chemistries. The output voltage of
the LTC7800 can be programmed between 0.8V to 24V.
The TRACK/SS pin ramps the output voltages during
start-up. Current foldback limits MOSFET heat dissipation
during short-circuit conditions. The PLLIN/MODE pin se-
lects among Burst Mode operation, pulse-skipping mode,
or continuous conduction mode at light loads.
APPLICATIONS
n
Wide VIN Range: 4V to 60V (65V Abs Max)
n
Low Operating IQ: 50μA
n
Wide Output Voltage Range: 0.8V ≤ VOUT ≤ 24V
n
RSENSE or DCR Current Sensing
n
Phase-Lockable Frequency (320kHz to 2.25MHz)
n
Programmable Fixed Frequency (320kHz to
2.25MHz)
n
Selectable Continuous, Pulse-Skipping or Low Ripple
Burst Mode® Operation at Light Load
n
Selectable Current Limit
n
Very Low Dropout Operation: 98% Duty Cycle
n
Adjustable Output Voltage Soft-Start or Tracking
n
Power Good Output Voltage Monitor
n
Output Overvoltage Protection
n
Low Shutdown IQ: < 14μA
n
Internal LDO Powers Gate Drive from VIN or EXTVCC
n
No Current Foldback During Start-Up
n
Small 20-Pin 3mm × 4mm QFN Package
n
Automotive Always-On Systems
n
Battery Powered Digital Devices
n
Distributed DC Power Systems
L
, LT, LTC, LTM, OPTI-LOOP, Burst Mode, Linear Technology and the Linear logo are registered
trademarks of Analog Devices, Inc. All other trademarks are the property of their respective
owners. Patents, including 5481178, 5705919, 6611131, 6498466, 6580258, 7230497.
0.33µH
4m
357k
115k
2.2µF
0.1µF
33µF
100k
100k
2.49k
820pF
80pF
0.1µF
VIN
PGOOD
EXTVCC
INTVCC
PGND
FREQ
ITH
TRACK/SS
SGND
TG
BOOST
SW
BG
SENSE+
SENSE–
VFB
LTC7800
C
2.2µF
C
56µF
INTVCC
V
28V
IN
3.3V
VOUT
10A
4V TO
×2
COUT
I1
I2
×3
High Efficiency 3.3V 2.1MHz Step-Down Regulator
Efficiency and Power Loss vs
Output Current
VIN = 12V
VOUT = 3.3V
OUTPUT CURRENT (A)
0.0001
0.001
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
0.1
1
10
3874 TA01b


Similar Part No. - LTC7813

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC7813 LINER-LTC7813 Datasheet
2Mb / 38P
150V Low IQ, Synchronous Step-Down DC/DC Controller
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
Low IQ, 60V Synchronous BoostBuck Controller
LTC7813 LINER-LTC7813 Datasheet
1Mb / 36P
Hybrid Step-Down Synchronous Controller
logo
Analog Devices
LTC7813 AD-LTC7813 Datasheet
1Mb / 48P
Six-Phase, Synchronous Bidirectional Buck or Boost Controller
LTC7813 AD-LTC7813 Datasheet
2Mb / 48P
Quad-Phase, Synchronous Bidirectional Buck or Boost Controller
More results

Similar Description - LTC7813

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3835-1 LINER-LTC3835-1 Datasheet
299Kb / 28P
Low IQ Synchronous Step-Down Controller
LTC3835 LINER-LTC3835 Datasheet
323Kb / 28P
Low IQ Synchronous Step-Down Controller
LTC3890 LINER-LTC3890 Datasheet
441Kb / 36P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3835EUFD LINER-LTC3835EUFD Datasheet
1Mb / 30P
Low IQ Synchronous Step-Down Controller
LTC3835-1 LINER-LTC3835-1_15 Datasheet
297Kb / 28P
Low IQ Synchronous Step-Down Controller
LTC3891 LINER-LTC3891_15 Datasheet
680Kb / 32P
Low IQ, 60V Synchronous Step-Down Controller
LTC3834 LINER-LTC3834_15 Datasheet
780Kb / 30P
30A IQ Synchronous Step-Down Controller
LTC3835 LINER-LTC3835_15 Datasheet
418Kb / 30P
Low IQ Synchronous Step-Down Controller
LTC3892-2 LINER-LTC3892-2 Datasheet
426Kb / 8P
60V, Low IQ Multiphase Synchronous Step-Down Converter
LTC3892 LINER-LTC3892 Datasheet
1Mb / 38P
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com