Electronic Components Datasheet Search
  English  ▼

X  

LTC7813 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC7813
Description  Low IQ, 60V, High Frequency Synchronous Step-Down Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7813 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC7813 Datasheet HTML 24Page - Linear Technology LTC7813 Datasheet HTML 25Page - Linear Technology LTC7813 Datasheet HTML 26Page - Linear Technology LTC7813 Datasheet HTML 27Page - Linear Technology LTC7813 Datasheet HTML 28Page - Linear Technology LTC7813 Datasheet HTML 29Page - Linear Technology LTC7813 Datasheet HTML 30Page - Linear Technology LTC7813 Datasheet HTML 31Page - Linear Technology LTC7813 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTC7800
32
7800f
For more information www.linear.com/LTC7800
LINEAR TECHNOLOGY CORPORATION 2017
LT 0517 • PRINTED IN USA
www.linear.com/LTC7800
RELATED PARTS
TYPICAL APPLICATION
MTOP
MBOT
D1
L1
0.47µH
R
4m
487k
34.8k
7800 F16
2.2µF
2nF
0.1µF
C
10µF
R
20
100k
100k
2k
0.47nF
82pF
0.1µF
VIN
PGOOD
RUN
INTVCC
PGND
ILIM
PLLIN/MODE
EXTVCC
FREQ
ITH
TRACK/SS
SGND
TG
BOOST
SW
BG
SENSE+
SENSE–
VFB
SGND
LTC7800
10pF
C
2.2µF
C
56µF
SENSE
FLT
INTVCC
V
28V*
IN
12V
OUT
VOUT
10A*
12.5V TO
MBOT: INFINEON BSZ0506NS
L1: WURTH 744314047
D1: CENTRAL SEMI CMDSH-4E
×2
VOUT
INA
INB
: TDK C4532X7R2A225M
INA
C
: SUN ELECT 63HVH56M
INB
C
×3
: TDK C4532X7R1E106M
COUT
MTOP: INFINEON BSZ0506NS
*OUTPUT CURRENT CAPABILITY AT HIGH INPUT VOLTAGES
MAY BE LIMITED BY THE THERMAL CHARACTERISTICS OF
THE OVERALL SYSTEM AND PRINTED CIRCUIT BOARD DESIGN.
Figure 16. High Efficiency 12V 2.1MHz Step-Down Regulator
PART NUMBER
DESCRIPTION
COMMENTS
LTC3891
60V, Low IQ, Synchronous Step-Down DC/DC Controller
with 99% Duty Cycle
4V ≤ VIN ≤ 60V, 0.8V ≤ VOUT ≤ 24V, IQ = 50µA PLL Fixed Frequency
50kHz to 900kHz, Pin Compatible with LTC7800
LTC3895
150V Low IQ, Synchronous Step-Down DC/DC Controller
4V ≤ VIN ≤ 140V, 150VP-P, 0.8V ≤ VOUT ≤ 24V, IQ = 50µA PLL Fixed
Frequency 50kHz to 900kHz
LTC3810
100V Synchronous Step-Down DC/DC Controller
Constant On-time Valley Current Mode 6.2V ≤ VIN ≤ 100V, 0.8V ≤
VOUT ≤ 0.93VIN, SSOP-28
LTC3864
60V, Low IQ, High Voltage DC/DC Controller with 100%
Duty Cycle
Fixed Frequency 50kHz to 850kHz, 3.5V≤ VIN ≤ 60V, 0.8V ≤ VOUT ≤
VIN , IQ = 40µA, MSOP-12E, 3mm × 4mm DFN-12
LT3840
60V, Low IQ, Synchronous Step-Down Controller with
Integrated Buck-Boost Bias Voltage Regulator
2.5V≤ VIN ≤ 60V, 1.23V ≤ VOUT ≤ 60V, IQ = 75µA Synchronizable
Fixed Frequency 100kHz to 600kHz
LTC3892/LTC3892-1
60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC
Controller with 99% Duty Cycle
4V ≤ VIN ≤ 60V, 0.8V ≤ VOUT ≤ 0.99VIN, PLL Fixed Frequency 50kHz
to 900kHz, Adjustable 5V to 10V Gate Drive, IQ = 29µA
LTC3890/LTC3890-1/
LTC3890-2/LTC3890-3
60V, Low IQ, Dual 2-Phase Synchronous Step-Down DC/DC
Controller with 99% Duty Cycle
PLL Fixed Frequency 50kHz to 900kHz, 4V ≤ VIN ≤ 60V, 0.8V ≤ VOUT
≤ 24V, IQ = 50µA
LTC7813
60V Low IQ, Synchronous Boost + Buck DC/DC Controller
4.5V (Down to 2.2V After Start-up) ≤ VIN ≤ 60V, 0.8V ≤ VOUT ≤ 60V,
Adjustable 5V to 10V Gate Drive, IQ = 33µA
LTC7801
150V Low IQ, Synchronous Step-Down DC/DC Controller
4V ≤ VIN ≤ 140V, 150V Abs Max, 0.8V ≤ VOUT ≤ 60V, IQ = 40µA, PLL
Fixed Frequency 320kHz to 2.25MHz
LTC7103
105V, 2.3A Low EMI Synchronous Step-Down Regulator
4.4V ≤ VIN ≤ 105V, 1V ≤ VOUT ≤ VIN, IQ = 2µA, Fixed Frequency
200kHz to 2MHz, 5mm × 6mm QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com