Electronic Components Datasheet Search
  English  ▼

X  

LT8705 Datasheet(PDF) 6 Page - Linear Technology

Part # LT8705
Description  Low IQ, 38V Synchronous BoostBuck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT8705 Datasheet HTML 2Page - Linear Technology LT8705 Datasheet HTML 3Page - Linear Technology LT8705 Datasheet HTML 4Page - Linear Technology LT8705 Datasheet HTML 5Page - Linear Technology LT8705 Datasheet HTML 6Page - Linear Technology LT8705 Datasheet HTML 7Page - Linear Technology LT8705 Datasheet HTML 8Page - Linear Technology LT8705 Datasheet HTML 9Page - Linear Technology LT8705 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
LTC7812
6
7812fc
For more information www.linear.com/LTC7812
TYPICAL PERFORMANCE CHARACTERISTICS
Power Loss vs Load Current
VIN = 9V
Power Loss vs Load Current
VIN = 14V
Power Loss vs Load Current
VIN = 18V
Efficiency vs Input Voltage
Efficiency vs Load Current
VIN = 9V
Efficiency vs Load Current
VIN = 14V
Efficiency vs Load Current
VIN = 18V
FIGURE 9 CIRCUIT
VOUT = 12V
IOUT = 4A
IOUT = 8A
INPUT VOLTAGE (V)
0
5
10
15
20
25
30
35
40
90
92
93
95
97
98
100
7812 G07
TEMPERATURE (°C)
–75
808
806
802
798
794
804
800
796
792
0
25 50 75
150
125
100
–50
7812 G08
–25
TEMPERATURE (°C)
–75
1.212
1.209
1.203
1.191
1.194
1.197
1.206
1.200
1.188
0
25 50 75
150
120
100
–50
7812 G09
–25
Buck Regulated Feedback Voltage
vs Temperature
Boost Regulated Feedback
Voltage vs Temperature
VOUT = 12V
FIGURE 9 CIRCUIT
LOAD CURRENT (A)
0.0001
0.001
0.01
0.1
1
9
0
10
20
30
40
50
60
70
80
90
100
7812 G01
Burst Mode
OPERATION
PULSE-SKIPPING
MODE
FORCED
CONTINUOUS
MODE
LOAD CURRENT (A)
0.0001
0.001
0.01
0.1
1
9
0
10
20
30
40
50
60
70
80
90
100
7812 G02
Burst Mode
OPERATION
PULSE-SKIPPING
MODE
FORCED
CONTINUOUS
MODE
VOUT = 12V
FIGURE 9 CIRCUIT
LOAD CURRENT (A)
0.0001
0.001
0.01
0.1
1
9
0.001
0.01
0.1
1
10
7812 G04
Burst Mode
OPERATION
PULSE-SKIPPING
MODE
FORCED CONTINUOUS MODE
VOUT = 12V
FIGURE 9 CIRCUIT
LOAD CURRENT (A)
0.0001
0.001
0.01
0.1
1
9
0.001
0.01
0.1
1
10
7812 G05
Burst Mode
OPERATION
PULSE-SKIPPING
MODE
FORCED CONTINUOUS MODE
VOUT = 12V
FIGURE 9 CIRCUIT
LOAD CURRENT (A)
0.0001
0.001
0.01
0.1
1
9
0.001
0.01
0.1
1
10
7812 G06
Burst Mode
OPERATION
PULSE-SKIPPING
MODE
FORCED CONTINUOUS MODE
VOUT = 12V
FIGURE 9 CIRCUIT
LOAD CURRENT (A)
0.0001
0.001
0.01
0.1
1
9
0
10
20
30
40
50
60
70
80
90
100
7812 G03
Burst Mode
OPERATION
PULSE-SKIPPING
MODE
FORCED
CONTINUOUS
MODE
VOUT = 12V
FIGURE 9 CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com