Electronic Components Datasheet Search
  English  ▼

X  

LT8705 Datasheet(PDF) 12 Page - Linear Technology

Part # LT8705
Description  Low IQ, 38V Synchronous BoostBuck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT8705 Datasheet HTML 8Page - Linear Technology LT8705 Datasheet HTML 9Page - Linear Technology LT8705 Datasheet HTML 10Page - Linear Technology LT8705 Datasheet HTML 11Page - Linear Technology LT8705 Datasheet HTML 12Page - Linear Technology LT8705 Datasheet HTML 13Page - Linear Technology LT8705 Datasheet HTML 14Page - Linear Technology LT8705 Datasheet HTML 15Page - Linear Technology LT8705 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
LTC7812
12
7812fc
For more information www.linear.com/LTC7812
PIN FUNCTIONS
VBIAS (Pin 26): Main Bias Input Supply Pin. A bypass ca-
pacitor should be tied between this pin and the SGND pins.
BG1, BG2 (Pins 31, 27): High Current Gate Drives for
Bottom N-Channel MOSFETs. Voltage swing at these pins
is from ground to INTVCC.
BOOST1, BOOST2 (Pins 32, 28): Bootstrapped Supplies
to the Top Side Floating Drivers. Capacitors are connected
between the BOOST and SW pins and Schottky diodes are
tied between the BOOST and INTVCC pins. Voltage swing
at the BOOST1 pin is from INTVCC to (VIN + INTVCC) and
at the BOOST2 pin is from INTVCC to (VOUT + INTVCC).
PGND (Exposed Pad Pin 33): Driver Power Ground. Con-
nectstothesourcesofbottomN-channelMOSFETsandthe
(–) terminal(s) of CIN. The exposed pad must be soldered
to the PCB for rated electrical and thermal performance.
OV2 (Pin 22): Overvoltage Open-Drain Logic Output for
the Boost Regulator. OV2 is pulled to ground when the
voltage on the VFB2 pin is under 110% of its set point, and
becomes high impedance when VFB2 goes over 110% of
its set point.
NC (Pin 23): No Connect. No external connection is re-
quired. This pin may be left floating or tied to another node.
INTVCC(Pin24):OutputoftheInternalLinearLowDropout
Regulator. The driver and control circuits are powered
from this voltage source. Must be decoupled to PGND
with a minimum of 4.7µF ceramic or tantalum capacitor.
EXTVCC (Pin 25): External Power Input to an Internal LDO
Connected to INTVCC. This LDO supplies INTVCC power,
bypassing the internal LDO powered from VBIAS whenever
EXTVCC is higher than 4.7V. See EXTVCC Connection in the
Applications Information section. Do not float or exceed
14V on this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com