Electronic Components Datasheet Search
  English  ▼

X  

LTC3255 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3255
Description  Fixed Ratio High Power Inductorless (Charge Pump) DC/DC Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3255 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3255 Datasheet HTML 12Page - Linear Technology LTC3255 Datasheet HTML 13Page - Linear Technology LTC3255 Datasheet HTML 14Page - Linear Technology LTC3255 Datasheet HTML 15Page - Linear Technology LTC3255 Datasheet HTML 16Page - Linear Technology LTC3255 Datasheet HTML 17Page - Linear Technology LTC3255 Datasheet HTML 18Page - Linear Technology LTC3255 Datasheet HTML 19Page - Linear Technology LTC3255 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LTC7820
16
7820fc
For more information www.linear.com/LTC7820
APPLICATIONS INFORMATION
The value of the boost capacitors, CB1/CB2/CB3, needs
to be 100 times that of the total input capacitance of the
topside MOSFET(s). The standard 6.3V MLCC ceramic ca-
pacitors are good for CB1/CB2/CB3.Thereversebreakdown
of the external Schottky diodes must be greater than the
maximum operation voltage between the VLOW and GND
pins. When adjusting the gate drive level, the final arbiter
is the threshold voltage of the top MOSFET M1. The Top
driver voltage VCB1 has to be higher than the top FET M1
threshold voltage in all conditions. Logic level MOSFET
should be used, otherwise lower operating switching
frequency and lower forward voltage drop diodes are
necessary to raise the gate driver voltages.
Undervoltage Lockout
TheLTC7820hasaprecisionUVLOcomparatorconstantly
monitoring the INTVCC voltage to ensure that an adequate
gate-drive voltage is present. It locks out the switching
action when INTVCC is below 4.9V. To prevent oscillation
when there is a disturbance on INTVCC, the UVLO com-
parator has 200mV of precision hysteresis.
Another way to detect an undervoltage condition is to
monitor the input supply. Because the RUN pin has a pre-
cision turn-on reference of 1.22V, one can use a resistor
divider to the input to turn on the IC when the input volt-
age is high enough. An extra 5µA of current flows out of
the RUN pin once the RUN pin voltage passes 1.22V. One
can program the hysteresis of the RUN comparator by
adjusting the values of the resistive divider.
Fault Response and Timer Programming
The LTC7820 stops switching and pulls the FAULT pin
low during fault conditions. A capacitor connected from
the TIMER pin to GND sets the retry time to start-up if
fault conditions are removed. A typical waveform on the
TIMER pin during a fault condition is shown in Figure 5.
After the FAULT pin is pulled low, a 3.5µA pull-up current
flows out of TIMER pin and starts to charge the Timer
capacitor. The pull-up current increases to 7µA when the
TIMER pin voltage is higher than 0.5V and back to 3.5µA
when the TIMER pin voltage is higher than 1.2V. The
TIMER pin will be strongly pulled down whenever the
fault conditions are removed or the TIMER pin voltage is
higher than 4V. When the TIMER pin voltage is between
0.5V and 1.2V, the internal pre-balance circuit will source
or sink current to the VLOW pin and regulate the VLOW pin
to VHIGH_SENSE/2 with around 93mA/50mA capability. The
pre-balance time can be calculated based on the capacitor
CTIMER on the TIMER pin:
TPRE-BALANCE = CTIMER • 0.7V/7µA
So the pre-balance time is 100ms/µF (e.g. the pre-balance
time is 10ms with 0.1µF CTIMER).
For voltage divider applications, the output capacitors and
the flying capacitors are pre-balanced to half of the input
voltage during the startup. Assuming zero initial condi-
tions, the time to charge the capacitors, tCHARGE, can be
estimated from the equation:
tCHARGE = (COUT + CFLY) • VIN/2/93mA
7820 F05
FAULT
LOW
3.5µA CHARGE
TIMER PIN
3.5µA CHARGE
TIMER PIN
7µA CHARGE
TIMER PIN
0.5V
1.2V
4V
PRE-BALANCE TIME
FAULT
RELEASE
Figure 5. Timer Behavior During Fault or Startup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com