Electronic Components Datasheet Search
  English  ▼

X  

LTC3255 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC3255
Description  Fixed Ratio High Power Inductorless (Charge Pump) DC/DC Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3255 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC3255 Datasheet HTML 19Page - Linear Technology LTC3255 Datasheet HTML 20Page - Linear Technology LTC3255 Datasheet HTML 21Page - Linear Technology LTC3255 Datasheet HTML 22Page - Linear Technology LTC3255 Datasheet HTML 23Page - Linear Technology LTC3255 Datasheet HTML 24Page - Linear Technology LTC3255 Datasheet HTML 25Page - Linear Technology LTC3255 Datasheet HTML 26Page - Linear Technology LTC3255 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LTC7820
23
7820fc
For more information www.linear.com/LTC7820
Figure 9. High Efficiency 24V to –24V, 10A Voltage Inverter with Hot Swap at Input
0.1µF
4.7µF
10k
VOUT
10k
75k
4.7µF
10
M4
BSC032N04LS
*OPTIONAL DISCHARGING COMPONENTS FOR FAST STARTUP.
10µF
×8
1µF
M3
BSC032N04LS
M2
BSC032N04LS
M1
BSC032N04LS
VOUT
DB3
CMDSH-4
1µF
DB2
CMDSH-4
0.1µF
DB1
CMDSH-4
0.1µF
VOUT
0.1µF
10
CFLY
10µF
×16
10µF
×8
10k
BAT54WS
0.01µF
VCC
VHIGH_SENSE
UV
HYS_PRGM
PGOOD
FREQ
FAULT
FAULT
GND
INTVCC
G3
G4
INTVCC
TIMER
G2
LTC7820
BOOST3
SW3
SW3
VLOW_SENSE
VLOW
BOOST2
BOOST1
SW1
G1
INTVCC
EXTV
SW3
CC
RUN
ISENSE+
ISENSE–
24V
VIN
HOT SWAP
CIRCUITRY
(e.g. LT4256)
VOUT
VOUT
VOUT
VOUT
100
VOUT
0.1µF
VOUT
VOUT
–24V
10A
UV
OUT
GND
IN
2.2µF
100V
×8
100k
7820 F09
100k
ROPT*
10
MOPT*
BSS123L
68µF
50V
30m
×2
+
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com