Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC3891
Description  Low IQ, 38V Synchronous BoostBuck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 20Page - Linear Technology LTC3891 Datasheet HTML 21Page - Linear Technology LTC3891 Datasheet HTML 22Page - Linear Technology LTC3891 Datasheet HTML 23Page - Linear Technology LTC3891 Datasheet HTML 24Page - Linear Technology LTC3891 Datasheet HTML 25Page - Linear Technology LTC3891 Datasheet HTML 26Page - Linear Technology LTC3891 Datasheet HTML 27Page - Linear Technology LTC3891 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
LTC7812
24
7812fc
For more information www.linear.com/LTC7812
APPLICATIONS INFORMATION
This makes it advisable to further derate the capacitor, or
to choose a capacitor rated at a higher temperature than
required. Several capacitors may be paralleled to meet
size or height requirements in the design. Due to the high
operating frequency of the LTC7812, ceramic capacitors
can also be used for CIN. Always consult the manufacturer
if there is any question.
A small (0.1μF to 1μF) bypass capacitor between the chip
VIN pin and ground, placed close to the LTC7812, is also
suggested. A small (≤10Ω) resistor placed between CIN
(C1) and the VIN pin provides further isolation.
The selection of COUT is driven by the effective series
resistance (ESR). Typically, once the ESR requirement
is satisfied, the capacitance is adequate for filtering. The
output ripple (ΔVOUT) is approximated by:
DVOUT ≈ DIL ESR +
1
8 • f • COUT
⎛
⎝⎜
⎞
⎠⎟
where f is the operating frequency, COUT is the output
capacitance and ΔIL is the ripple current in the inductor.
The output ripple is highest at maximum input voltage
since ΔIL increases with input voltage.
Setting Output Voltage
The LTC7812 output voltages are each set by an external
feedback resistor divider carefully placed across the out-
put, as shown in Figure 3. The regulated output voltages
are determined by:
VOUT,BUCK = 0.8V 1+
RB
RA
⎛
⎝
⎜
⎞
⎠
⎟
VOUT,BOOST = 1.2V 1+
RB
RA
⎛
⎝
⎜
⎞
⎠
⎟
To improve the frequency response, a feedforward ca-
pacitor, CFF, may be used. Great care should be taken to
route the VFB line away from noise sources, such as the
inductor or the SW line.
Tracking and Soft-Start (TRACK/SS1, SS2 Pins)
The start-up of each VOUT is controlled by the voltage on
the respective TRACK/SS pin (TRACK/SS1 for channel 1,
SS2 for channel 2). When the voltage on the TRACK/SS
pin is less than the internal 0.8V reference (1.2V reference
for the boost channel), the LTC7812 regulates the VFB pin
voltage to the voltage on the TRACK/SS pin instead of the
internal reference. Likewise, the TRACK/SS1 pin for the
buck channel can be used to program an external soft-
start function or to allow VOUT to track another supply
during start-up.
Figure 3. Setting Output Voltage
7812 F03
1/2 LTC7812
VFB
RB
CFF
RA
VOUT
Figure 4. Using the TRACK/SS Pin to Program Soft-Start
Soft-start is enabled by simply connecting a capacitor
from the TRACK/SS pin to ground, as shown in Figure 4.
An internal 5µA current source charges the capacitor,
providing a linear ramping voltage at the TRACK/SS pin.
The LTC7812 will regulate the VFB pin (and hence VOUT)
according to the voltage on the TRACK/SS pin, allowing
VOUT to rise smoothly from 0V to its final regulated value.
The total soft-start time will be approximately:
tSS_BUCK = CSS •
0.8V
5µA
tSS_BOOST = CSS •
1.2V
5µA
7812 F04
LTC7812
TRACK/SS
SGND
CSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com