Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3891
Description  Low IQ, 38V Synchronous BoostBuck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 4 Page - Linear Technology

  LTC3891 Datasheet HTML 1Page - Linear Technology LTC3891 Datasheet HTML 2Page - Linear Technology LTC3891 Datasheet HTML 3Page - Linear Technology LTC3891 Datasheet HTML 4Page - Linear Technology LTC3891 Datasheet HTML 5Page - Linear Technology LTC3891 Datasheet HTML 6Page - Linear Technology LTC3891 Datasheet HTML 7Page - Linear Technology LTC3891 Datasheet HTML 8Page - Linear Technology LTC3891 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
LTC7812
4
7812fc
For more information www.linear.com/LTC7812
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. VBIAS = 12V, VRUN1,2 = 5V, EXTVCC = 0V unless otherwise
noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Duty Factor for TG
Buck (Channel 1) in Dropout, FREQ = 0V
Boost (Channel 2) in Overvoltage
98
99
100
%
%
Maximum Duty Factor for BG
Buck (Channel 1) in Overvoltage
Boost (Channel 2)
100
96
%
%
ITRACK/SS1
Soft-Start Charge Current
VTRACK/SS1 = 0V
3
5
8
µA
ISS2
Soft-Start Charge Current
VSS2 = 0V
3
5
8
µA
VRUN1 ON
VRUN2 ON
RUN1 Pin Threshold
RUN2 Pin Threshold
VRUN1 Rising
VRUN2 Rising
l
l
1.18
1.21
1.24
1.27
1.32
1.33
V
V
RUN Pin Hysteresis
70
mV
VSENSE1,2,(MAX) Maximum Current Sense Threshold
VFB1 = 0.7V, VSENSE1– = 3.3V
VFB2 = 1.1V, VSENSE2+ = 12V
l
43
50
57
mV
Gate Driver
TG1 Pull-Up On-Resistance
TG1 Pull-Down On-Resistance
2.5
1.5
Ω
Ω
BG1 Pull-Up On-Resistance
BG1 Pull-Down On-Resistance
2.4
1.1
Ω
Ω
TG2 Pull-Up On-Resistance
TG2 Pull-Down On-Resistance
1.2
1.0
Ω
Ω
BG2 Pull-Up On-Resistance
BG2 Pull-Down On-Resistance
1.2
1.0
Ω
Ω
TG Transition Time:
Rise Time
Fall Time
(Note 6)
CLOAD = 3300pF
CLOAD = 3300pF
25
16
ns
ns
BG Transition Time:
Rise Time
Fall Time
(Note 6)
CLOAD = 3300pF
CLOAD = 3300pF
28
13
ns
ns
Top Gate Off to Bottom Gate On Delay
Synchronous Switch-On Delay Time
CLOAD = 3300pF Each Driver Buck (Channel 1)
Boost (Channel 2)
30
70
ns
ns
Bottom Gate Off to Top Gate On Delay
Top Switch-On Delay Time
CLOAD = 3300pF Each Driver Buck (Channel 1)
Boost (Channel 2)
30
70
ns
ns
tON(MIN)1
Buck Minimum On-Time
(Note 7)
95
ns
tON(MIN)2
Boost Minimum On-Time
(Note 7)
120
ns
INTVCC Linear Regulator
Internal VCC Voltage
6V < VBIAS < 38V, VEXTVCC = 0V, IINTVCC = 0mA
5.0
5.4
5.6
V
INTVCC Load Regulation
ICC = 0mA to 50mA, VEXTVCC = 0V
0.7
2
%
Internal VCC Voltage
6V < VEXTVCC < 13V, IINTVCC = 0mA
5.0
5.4
5.6
V
INTVCC Load Regulation
ICC = 0mA to 50mA, VEXTVCC = 8.5V
0.7
2
%
EXTVCC Switchover Voltage
EXTVCC Ramping Positive
4.5
4.7
V
EXTVCC Hysteresis
200
mV
Oscillator and Phase-Locked Loop
Programmable Frequency
RFREQ = 25k; PLLIN/MODE = DC Voltage
115
kHz
RFREQ = 65k; PLLIN/MODE = DC Voltage
440
kHz
RFREQ = 105k; PLLIN/MODE = DC Voltage
835
kHz
Low Fixed Frequency
VFREQ = 0V PLLIN/MODE = DC Voltage
320
350
380
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com