Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 35 Page - Linear Technology

Part # LTC3891
Description  Low IQ, 38V Synchronous BoostBuck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 35 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 31Page - Linear Technology LTC3891 Datasheet HTML 32Page - Linear Technology LTC3891 Datasheet HTML 33Page - Linear Technology LTC3891 Datasheet HTML 34Page - Linear Technology LTC3891 Datasheet HTML 35Page - Linear Technology LTC3891 Datasheet HTML 36Page - Linear Technology LTC3891 Datasheet HTML 37Page - Linear Technology LTC3891 Datasheet HTML 38Page - Linear Technology LTC3891 Datasheet HTML 39Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
LTC7812
35
7812fc
For more information www.linear.com/LTC7812
APPLICATIONS INFORMATION
switching, the efficiency is lower and the input ripple and
EMI, while predictable and still low, are higher than other
potential options.
OPTION B: VIN_MIN_OP < VOUT_REG < VMID_REG <
VIN_MAX_OP
This is similar to option A, but VMID_REG is set within the
normal operating input voltage range (e.g., VMID_REG =
14V). When VIN is well below VMID_REG, this option is
like Option A. But as VIN approaches VMID_REG, the boost
controller will gradually begin skipping cycles (even in
forced continuous mode) once it reaches minimum-on-
time. If VIN > VMID_REG, then VMID follows VIN. In this
region, OPTION B is more efficient than OPTION A since
the boost is not switching. But this is at the expense of
the cycle-skipping (non-constant frequency ripple) when
VIN is slightly below VMID_REG.
LOOSELY REGULATED OUTPUT (Pass-Through
Regulator)
In some applications, it is not critical that VOUT be tightly
regulated,butratherthatitremainswithinacertainvoltage
range. Suppose, in our example, that it is only important
thatVOUTbemaintainedwithinthenormalbatteryoperating
voltagerangeof10Vto16V.Wecanconsiderathirdoption:
OPTION C: VMID_REG = VIN_MIN_OP and VOUT_REG =
VIN_MAX_OP
Here we set VMID_REG = VIN_MIN_OP = 10V and VOUT_REG
= VIN_MAX_OP =16V. So the boost regulator only boosts
when VIN < 10V and the buck regulator only bucks when
VIN >16V. When VIN is between 10V to 16V, the circuit is
in a pass-through or wire mode where there is very little
switching. The boost regulator is not boosting (TG2 is on
100%inforcedcontinuousmode)andthebuckregulatoris
operating in dropout (with TG1 on at an effective 99%duty
cycle.) This makes the circuit very efficient, especially at
heavy loads, with extremely low input and output ripple
and EMI. Note that in this pass-through mode, the circuit
does not benefit from the LTC7812’s ultralow quiescent
current of 33µA in Burst Mode since the buck regulator
does not go to sleep because VOUT < VOUT_REG = 16V.
REGULATED OUTPUT VOLTAGE BELOW NORMAL
INPUT VOLTAGE OPERATING RANGE
In some applications, the desired output voltage might
be less than the minimum normal operating voltage, but
still higher than the worst-case minimum input voltage.
Consider our previous example, but instead suppose we
want VOUT= 5V. In this case, we can set our VMID_REG
such that:
OPTION D: VIN_MIN_OP > VMID_REG > VOUT_REG
So we might set VMID_REG just below 10V, so that the
boostregulatorneverswitcheswithinthenormaloperating
range and only needs to boost during the input voltage
dips below 10V. The buck controller always regulates the
VOUT to 5V, and the boost regulator’s inductor and VMID
capacitance create a filter that substantially reduces any
input ripple and results in very little conducted EMI on
the input.
Table 1 summarizes some of the performance trade-offs
of these four potential ways to set the VMID regulation
voltage in an LTC7812 cascaded Boost+Buck regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com