Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 36 Page - Linear Technology

Part # LTC3891
Description  Low IQ, 38V Synchronous BoostBuck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 36 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 32Page - Linear Technology LTC3891 Datasheet HTML 33Page - Linear Technology LTC3891 Datasheet HTML 34Page - Linear Technology LTC3891 Datasheet HTML 35Page - Linear Technology LTC3891 Datasheet HTML 36Page - Linear Technology LTC3891 Datasheet HTML 37Page - Linear Technology LTC3891 Datasheet HTML 38Page - Linear Technology LTC3891 Datasheet HTML 39Page - Linear Technology LTC3891 Datasheet HTML 40Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
LTC7812
36
7812fc
For more information www.linear.com/LTC7812
APPLICATIONS INFORMATION
Table 1. Summary of Trade-Offs in Determining the VMID Voltage in a Cascaded Boost+Buck Regulator
A
B
C
D
Option
VMID_REG > VOUT_REG and
VMID_REG > VIN_MAX_OP
VIN_MIN_OP < VOUT_REG <
VMID_REG < VIN_MAX_OP
VMID_REG = VIN_MIN_OP and
VOUT_REG = VIN_MAX_OP
(Pass-Through /Wire Mode)
VIN_MIN_OP > VMID_REG >
VOUT_REG
Example for Normal Input
Operating Range of 10V – 16V
(VIN_MIN_OP = 10V
VIN_MAX_OP = 16) with a Full
Range of 2.5V – 38V
VMID_REG = 18V
VOUT = VOUT_REG = 12V
VMID_REG =14V
VOUT = VOUT_REG = 12V
VMID_REG = 10V
VOUT_REG = 16V
VOUT = 10V – 16V
VMID_REG = 10V
VOUT = VOUT_REG = 5V
Boost Boosting in Normal
Operating Range?
Yes, Over Full Range
Yes, When VIN < VMID_REG
No
No
Buck Bucking in Normal
Operating Range?
Yes, Over Full Range
Yes, Over Full Range
No, in Dropout
Yes, Over Full Range
LTC7812 No-Load Quiescent
Current in
Burst Mode Operation
33µA
33µA
~3mA
33µA
Heavy Load Efficiency
Slightly Lower
High When Not Boosting;
Slightly Lower When Boosting
Highest
High
Input Ripple
Low
Low When Boosting; Very
Low When Not Boosting;
Some Cycle-Skipping During
Transition
Extremely Low
Very Low
Output Ripple
Low
Low
Extremely Low
Low
EMI in Normal Operating
Range
Low
Very Low When Not Boosting;
Low When Boosting
Extremely Low
Very Low
Example for Normal Operating
Range: VIN_MIN_OP = 10V –
VIN_MAX_OP = 16V
VMID_REG = 18V
VOUT = VOUT_REG = 12V
Figure 10
VMID_REG =14V
VOUT = VOUT_REG = 12V
Figure 9
VMID_REG = 10V
VOUT_REG = 16V
VOUT = 10V – 16V
Figure 11
VMID_REG = 10V
VOUT = VOUT_REG = 5V
Figure 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com