Electronic Components Datasheet Search
  English  ▼

X  

LT1818 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1818
Description  Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1818 Datasheet(HTML) 1 Page - Linear Technology

  LT1818 Datasheet HTML 1Page - Linear Technology LT1818 Datasheet HTML 2Page - Linear Technology LT1818 Datasheet HTML 3Page - Linear Technology LT1818 Datasheet HTML 4Page - Linear Technology LT1818 Datasheet HTML 5Page - Linear Technology LT1818 Datasheet HTML 6Page - Linear Technology LT1818 Datasheet HTML 7Page - Linear Technology LT1818 Datasheet HTML 8Page - Linear Technology LT1818 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTC2320-12
1
Rev B
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Octal, 12-Bit + Sign,
1.5Msps/Ch Simultaneous
Sampling ADC
The LTC®2320-12 is a low noise, high speed octal 12-bit
+ sign successive approximation register (SAR) ADC with
differential inputs and wide input common mode range.
Operatingfromasingle3.3Vor5Vsupply,theLTC2320-12
has an 8VP-P differential input range, making it ideal for
applications which require a wide dynamic range with
high common mode rejection. The LTC2320-12 achieves
±0.25LSB INL typical, no missing codes at 12 bits and
77dB SNR.
TheLTC2320-12hasanonboardlowdrift(20ppm/°Cmax)
2.048V or 4.096V temperature-compensated reference.
The LTC2320-12 also has a high speed SPI-compatible
serial interface that supports CMOS or LVDS. The fast
1.5Msps per channel throughput with no latency makes
the LTC2320-12 ideally suited for a wide variety of high
speedapplications.TheLTC2320-12dissipatesonly20mW
per channel and offers nap and sleep modes to reduce the
power consumption to 26μW for further power savings
during inactive periods.
32k Point FFT fSMPL = 1.5Msps,
fIN = 500kHz
APPLICATIONS
n
1.5Msps/Ch Throughput Rate
n
Eight Simultaneously Sampling Channels
n
Guaranteed 12-Bit, No Missing Codes
n
8VP-P Differential Inputs with Wide Input
Common Mode Range
n
77dB SNR (Typ) at fIN = 500kHz
n
–90dB THD (Typ) at fIN = 500kHz
n
Guaranteed Operation to 125°C
n
Single 3.3V or 5V Supply
n
Low Drift (20ppm/°C Max) 2.048V or 4.096V
Internal Reference
n
1.8V to 2.5V I/O Voltages
n
CMOS or LVDS SPI-Compatible Serial I/O
n
Power Dissipation 20mW/Ch (Typ)
n
Small 52-Lead (7mm × 8mm) QFN Package
n
High Speed Data Acquisition Systems
n
Communications
n
Remote Data Acquisition
n
Imaging
n
Optical Networking
n
Automotive
n
Multiphase Motor Control
All registered trademarks and trademarks are the property of their respective owners.
SNR = 78.4dB
THD = –90.9dB
SINAD = 78.2dB
SFDR = 95.2dB
FREQUENCY (MHz)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
–140
–120
–100
–80
–60
–40
–20
0
232012 TA01b
BIPOLAR
UNIPOLAR
ARBITRARY
TRUE DIFFERENTIAL INPUTS
NO CONFIGURATION REQUIRED
IN+, IN–
DIFFERENTIAL
0V
0V
0V
0V
VDD
VDD
VDD
VDD
1µF
10µF
10µF
10µF
10µF
10µF
1µF
S/H
AIN1+
AIN1–
S/H
AIN2+
AIN2–
MUX
12-BIT
+ SIGN
SAR ADC
12-BIT
+ SIGN
SAR ADC
12-BIT
+ SIGN
SAR ADC
12-BIT
+ SIGN
SAR ADC
S/H
AIN3+
AIN3–
S/H
AIN4+
AIN4–
MUX
S/H
AIN5+
AIN5–
S/H
AIN6+
AIN6–
MUX
S/H
AIN7+
AIN7–
S/H
AIN8+
AIN8–
MUX
OVDD
REF
GND
GND
REFOUT1
VDD
1.8V TO 2.5V
3.3V OR 5V
CMOS/LVDS
SDR/DDR
REFBUFEN
SDO1
SDO2
SDO3
SDO4
SDO5
SDO6
SDO7
SDO8
CLKOUT
SCK
CNV
SAMPLE
CLOCK
REFOUT2 REFOUT3 REFOUT4
EIGHT SIMULTANEOUS
SAMPLING CHANNELS
LTC2320-12
232012 TA01a


Similar Part No. - LT1818

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1818 LINER-LT1818 Datasheet
223Kb / 16P
1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT1818 LINER-LT1818 Datasheet
364Kb / 18P
250mA/60MHz Current Feedback Amplifier Adjustable Supply Current
LT1818 LINER-LT1818 Datasheet
984Kb / 20P
14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LT1818 LINER-LT1818 Datasheet
911Kb / 20P
12-Bit, 5Msps Serial Sampling ADC in TSOT
LT1818 LINER-LT1818 Datasheet
315Kb / 28P
325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
More results

Similar Description - LT1818

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2351-14 LINER-LTC2351-14 Datasheet
289Kb / 20P
Channel, 14-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
LTC2351-12 LINER-LTC2351-12 Datasheet
278Kb / 20P
6 Channel, 12-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
logo
Analog Devices
AD7862ARZ-10 AD-AD7862ARZ-10 Datasheet
417Kb / 16P
Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-10 AD-AD7862ARSZ-10 Datasheet
417Kb / 16P
Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
logo
Linear Technology
LTC2351-12 LINER-LTC2351-12_15 Datasheet
235Kb / 20P
6 Channel, 12-Bit, 1.5Msps Simultaneous Sampling ADC With Shutdown
LTC2351-14 LINER-LTC2351-14_15 Datasheet
244Kb / 20P
6-Channel, 14-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
logo
Analog Devices
AD7771 AD-AD7771 Datasheet
357Kb / 14P
8-Ch, 24-Bit Simultaneous Sampling ADC
Rev. PrC
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
23-Feb-2017
logo
Linear Technology
LTC2325-16 LINER-LTC2325-16 Datasheet
1Mb / 30P
Quad, 16-Bit, 5Msps/Ch Simultaneous Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com