Electronic Components Datasheet Search
  English  ▼

X  

LT1818 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1818
Description  Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1818 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1818 Datasheet HTML 10Page - Linear Technology LT1818 Datasheet HTML 11Page - Linear Technology LT1818 Datasheet HTML 12Page - Linear Technology LT1818 Datasheet HTML 13Page - Linear Technology LT1818 Datasheet HTML 14Page - Linear Technology LT1818 Datasheet HTML 15Page - Linear Technology LT1818 Datasheet HTML 16Page - Linear Technology LT1818 Datasheet HTML 17Page - Linear Technology LT1818 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LTC2320-12
14
Rev B
For more information www.analog.com
27
28
22
LVDS
I/O
SDOA+
SDOA–
20
24
19
AIN1+
REF
AIN1–
CNV
VDD
(15, 21, 44, 52)
REF
×1
41
42
LVDS
RECEIVERS
OUTPUT
CLOCK DRIVER
+
–
17
16
AIN2+
AIN2–
+
–
S/H
S/H
12-BIT + SIGN
SAR ADC
29
30
33
34
23
9
LVDS
I/O
SDOB+
SDOB–
14
13
AIN3+
AIN3–
REF
×1
+
–
11
10
AIN4+
AIN4–
+
–
S/H
S/H
12-BIT + SIGN
SAR ADC
35
36
6
LVDS
I/O
SDOC+
SDOC–
5
4
AIN5+
SCK–
SCK+
AIN5–
REF
×1
+
–
2
1
AIN6+
AIN6–
+
–
S/H
S/H
12-BIT + SIGN
SAR ADC
39
40
43
25
45
LVDS
I/O
SDOD+
SDOD–
REFOUT4
CMOS/LVDS
51
50
AIN7+
AIN7–
REF
×1
+
–
48
47
8
AIN8+
AIN8–
+
–
S/H
S/H
12-BIT + SIGN
SAR ADC
SDR/DDR
REFOUT3
×1.7
×3.4
1.2V INT REF
REFBUFEN
OVDD (31, 37)
CLKOUT–
CLKOUT+
REFOUT2
REFOUT1
250A
GND
(3, 7, 12, 18, 26, 32, 38, 46, 49, 53)
232012 BDb
MUX
MUX
MUX
MUX
LVDS IO Mode
FUNCTIONAL BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com