Electronic Components Datasheet Search
  English  ▼

X  

LTC1955 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1955
Description  Dual Smart Card Interface with Serial Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1955 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1955 Datasheet HTML 5Page - Linear Technology LTC1955 Datasheet HTML 6Page - Linear Technology LTC1955 Datasheet HTML 7Page - Linear Technology LTC1955 Datasheet HTML 8Page - Linear Technology LTC1955 Datasheet HTML 9Page - Linear Technology LTC1955 Datasheet HTML 10Page - Linear Technology LTC1955 Datasheet HTML 11Page - Linear Technology LTC1955 Datasheet HTML 12Page - Linear Technology LTC1955 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC1955
9
sn1955 1955fs
Serial Port
The microcontroller compatible serial port provides all of
the command and control inputs for the LTC1955 as well
as the status of the two smart cards. Data on the DIN input
is loaded on the rising edge of SCLK. D15 is loaded first
and D0 last. At the same time the command bits are being
shifted into the DIN input, the status bits are being shifted
out of the DOUT output. The status bits are presented to
DOUT on the rising edge of SCLK. Once all bits have been
clocked into the shift register, the command data is loaded
into the command latch by bringing LD low. At this time
the command latch is updated and the LTC1955 will begin
to act on the new command set. When LD is low, the shift
register is transparent to the status data of the two smart
card channels. The status data is latched into the shift
register on the rising edge of LD. SCLK should be held in
the high state when idle and should only be clocked when
LD is high. Likewise LD should only be brought high when
SCLK is high. Figure 2 shows the operation of the serial
port.
Multiple LTC1955s may be daisy-chained together by
connecting the DOUT pin of one LTC1955 to the DIN pin of
another. Figure 7 shows an example of multiple LTC1955s
daisy chained together.
The maximum clock rate for the serial port is 10MHz.
The serial port controls the following parameters of each
smart card socket:
• Selection/deselection of a smart card
•VCC voltage level of each card (5V/3V/1.8V/0V)
• Clock mode of each card (synchronous or asynchro-
nous)
• Operating mode of asynchronous cards (clock stop
high, low,
÷1, ÷2, ÷4 or ÷8)
• Selection of the I/O, C4 or C8 pins for card socket A
The serial port provides the following status data:
• It indicates the presence or absence of the smart cards.
• It indicates the readiness of the smart card VCC sup-
plies. Communication with a smart card is disabled
until its power supply voltage has reached the final
value.
• It indicates fault status. In the event of an electrical or
ATR fault, the fault is reported. For electrical faults, the
LTC1955 will automatically deactivate the smart card.
Table 1 illustrates the command inputs and status outputs
associated with each bit of the serial data word.
Three voltage options are available from the LTC1955: 5V,
3V and 1.8V. Bits D0, D1 (card B) and D8, D9 (card A)
determine which voltage is selected. Setting both control
bits of a channel to 0 deactivates that channel and sets the
smart card supply voltage to 0V. If both channels are
deactivated, the LTC1955 is in shutdown. Table 2 shows
the operation of the supply control bits.
The CLK A/CLK B pins to the smart cards can be pro-
grammed for various modes. Both synchronous and asyn-
chronous cards are supported. There are several options
available with asynchronous cards. Table 3 shows how all
clock options are obtained using bits D5–D7 (card B) and
D13–D15 (card A). The default state of the LTC1955 on
power up is synchronous mode.
Figure 2. Serial Port Timing Diagram
DIN
SCLK
LD
X
D0
D15
XD1
DOUT
D15 FROM
INPUT
D0
D15
1955 F02
D14
D13
D15
D1
tLC
tDH
tDD
tDS
tH
tL
tLW
tCL
D14
D2
OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com