Electronic Components Datasheet Search
  English  ▼

X  

LTC1955 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1955
Description  Dual Smart Card Interface with Serial Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1955 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1955 Datasheet HTML 10Page - Linear Technology LTC1955 Datasheet HTML 11Page - Linear Technology LTC1955 Datasheet HTML 12Page - Linear Technology LTC1955 Datasheet HTML 13Page - Linear Technology LTC1955 Datasheet HTML 14Page - Linear Technology LTC1955 Datasheet HTML 15Page - Linear Technology LTC1955 Datasheet HTML 16Page - Linear Technology LTC1955 Datasheet HTML 17Page - Linear Technology LTC1955 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC1955
14
sn1955 1955fs
10kV ESD Protection
All smart card pins (CLK A/CLK B, RST A/RST B, I/O A/
I/O B, C4A, C8A and VCCA/VCCB) can withstand over 10kV
of human body model ESD in-situ. In order to ensure
proper ESD protection, careful board layout is required.
The PGND and SGND pins should be tied directly to a
ground plane. The VCCA/VCCB capacitors should be located
very close to the VCCA/VCCB pins and tied immediately to
the ground plane.
Capacitor Selection
Warning: A polarized capacitor such as tantalum or alumi-
num should never be used for the flying capacitor since its
voltage can reverse upon start up of the LTC1955. Low
ESR ceramic capacitors should always be used for the
flying capacitor.
A total of six capacitors are required to operate the
LTC1955. An input bypass capacitor is required at PVBATT,
SVBATT and DVCC. Output bypass capacitors are required
on each of the smart card VCCA/VCCB pins. A charge pump
flying capacitor is required from C+ to C– and a charge
storage capacitor is required on the charge pump out pin
CPO.
To prevent excessive noise spikes due to charge pump
operation, low ESR (equivalent series resistance) multi-
layer ceramic capacitors are strongly recommended.
There are several types of ceramic capacitors available
each having considerably different characteristics. For
example, X7R/X5R ceramic capacitors have excellent volt-
age and temperature stability but relatively low packing
density. Y5V ceramic capacitors have apparently higher
packing density but poor performance over their rated
voltage or temperature ranges. Under certain voltage and
temperature conditions, Y5V and X7R/X5R ceramic ca-
pacitors can be compared directly by case size rather than
specified value for a desired minimum capacitance.
Placement of the capacitors is critical for correct operation
of the LTC1955. Because the charge pump generates large
current steps, all of the capacitors should be placed as
close to the LTC1955 as possible. The low impedance
nature of multilayer ceramic chip capacitors will minimize
voltage spikes but only if the power path is kept very short
APPLICATIO S I FOR ATIO
(i.e., minimum inductance). The PVBATT/SVBATT nodes
should be especially well bypassed. The capacitor for this
node should be directly adjacent to the QFN package. The
CPO and flying capacitors should be very close as well. The
LTC1955 can tolerate more distance between the LDO
capacitors and the VCCA/B pins.
Figure 4 shows an example of a tight printed circuit board
using single layer copper. For best performance a multi-
layer board can be used and should employ a solid ground
plane on at least one layer.
The following capacitors are recommended for use with
the LTC1955:
Type
Value
Case Size
Murata P/N
CIN
X5R
4.7
µF
0805
GRM40-034 X5R 475K 6.3
CPO
CFLY
X5R
1
µF
0603
GRM39 X5R 105K 6.3
VCCA/B
CDVCC
X5R
0.1
µF
0402
GRM36 X5R 104K 10
VCCA
GND
VBATT
VCCB 1955 F04
Figure 4. Optimum Single Layer PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com